Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT-SF Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # SC14CVMDECT-SF
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT-SF Datasheet(HTML) 7 Page - Dialog Semiconductor

Back Button SC14CVMDECT-SF Datasheet HTML 3Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 4Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 5Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 6Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 7Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 8Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 9Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 10Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
7 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Note 4: “NC” means: leave unconnected.
“GND” means internally connected to the module ground plane. Every GND pin should be connected to the main PCB.ground plane.
Note 5: All digital inputs have Schmitt trigger inputs. After reset all I/Os are set to input and all pull-up or pull-down resistors are enabled unless oth-
erwise specified.
PU = Pull-up resistor enabled, PD = Pull-down resistor enabled, I = input,
O = output, Hi-Z = high impedance, 1 = logic HIGH level, 0 = logic LOW level
Refer also to Px_DIR_REGs for INPUT/OUTPUT and Pull-up/Pull-down configurations
Note 6: All ULP pins use snap-back devices as ESD protection, which (when triggered) have a holding voltage below the typical battery voltage.
This means that the snap-back device of a ULP pin may remain conductive, when triggered while the pin is directly connected to the battery
voltage. If any of the ULP pins are directly or indirectly electrically accessible on the outside of the application, system level ESD precau-
tions must be taken to ensure that the snap-back device is not triggered while in active mode, to prevent the chip from being damaged.
56
P2[3]/SDA1 /
PCM_DI
IO
8
I-PU
I/O Port
SDA1: I2C Data
PCM_DI: PCM Data input
57
P2[2]/PCM_CLK
I/O
8
I-PD
I/O Port
PCM_CLK: PCM clock input/output
58
P2[1] / PWM1 /
LED4
IO
8
I
I/O Port
PWM1: Pulse Width Modulation output
LED4: 2.5 mA/5 mA LED current sink
59
P2[0]/ PWM0 /
LED3
IO
8
I
I/O Port
PWM0: -
LED3: 2.5 mA/5 mA LED current sink
60
GND
-
-
-
Ground
61
VDDOUT
-
-
-
Test purpose only. Must be left unconnected.
62
VBATSW
Test purpose only. Must be left unconnected.
63
VBATIN
I
-
-
Main supply voltage < 3.45 V.
64
VBATIN
I
-
-
Main supply voltage < 3.45 V.
65
P3[2]
IO
8
I
I/O Port
66
P3[7]
IO
4
I
I/O Port
67
P3[6]
IO
4
I
I/O Port
68
P3[5]
IO
4
I
I/O Port
69
P3[4]
IO
8
I
I/O Port
70
GND
-
-
-
Ground
71
GND
-
-
-
Ground
72
GND
-
-
-
Ground
73
RF1
-
-
-
RF signal for external antenna. See 4.13
74
GND
-
-
-
Ground
75
RF0
-
-
-
RF signal for external antenna. See 4.13
76
GND
-
-
-
Ground
77
GND
-
-
-
Ground
78
GND
-
-
-
Ground
79
TP1
-
-
-
Tuning point for internal antenna. Follow instructions of Section 8.5.
80
GND
-
-
-
Ground
81-88 TP2 to TP9
NC
Must be left unconnected. See section 8.3.2 and Figure 36.
Table 2: Pin description (Continued)
Pin
Module
Pin name
(Note 4)
In/
Out
Iout
Drive
(mA)
Reset
State
(Note 5)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com