Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14CVMDECT-SF Datasheet(PDF) 36 Page - Dialog Semiconductor

Part # SC14CVMDECT-SF
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECT-SF Datasheet(HTML) 36 Page - Dialog Semiconductor

Back Button SC14CVMDECT-SF Datasheet HTML 32Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 33Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 34Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 35Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 36Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 37Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 38Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 39Page - Dialog Semiconductor SC14CVMDECT-SF Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
36 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Note 20: Within the specified limits, a life time of 10 years is guaranteed.
Note 21: A life time of 10 years of the CLASS-D amplifier is guaranteed if switched on for 10% of the time.
Note 22: Within this temperature range full operation is guaranteed.
7.4 SUPPLY CURRENTS
Note 23: RF output power settings for full-slot operation: see Table 36.
Note 24: RF output power settings for long-slot operation: see Table 36. Japan DECT uses the HPM/U settings for long-slot operation.
Vdig
Voltage on other digital pins
VDD = 1.8 V
1.98
V
Vana
Voltage on analog pins
AVD = 1.8 V
2.1
V
Icharge
Current through pin CHARGE
Rseries >
(Vcharge-3 V)/
10 mA
10
mA
Ipa
Current through pin PAOUTp, PAOUTn
(Note 21)
500
mA
Iout_vrefp
Output current through pin VREFp
1mA
TA
Ambient temperature
(Note 22)
-40
+85
°C
Table 18: Operating conditions (Note 20)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Table 19: Supply currents (full slot)
PARAMETER
DESCRIPTION
CONDITIONS (Note 23)
MIN
TYP
MAX
UNIT
Ibat_FP_stby
standby supply current
FP; HPM; Vbat = 2.6 V
60
mA
FP; HPM/U; Vbat = 2.6 V
59
mA
FP; HPM/J; Vbat = 2.6 V
80
mA
Ibat_FP_talk
talk supply current
FP; HPM; Vbat = 2.6 V
87
mA
FP; HPM/U; Vbat = 2.6 V
80
mA
FP; HPM/J; Vbat = 2.6 V
110
mA
Ibat_PP_stby
standby supply current
PP; Vbat = 2.6 V
10
mA
Ibat_PP_talk
talk supply current
PP; LPM; Vbat = 2.6 V
34
mA
PP; HPM; Vbat = 2.6 V
47
mA
PP; HPM/U; Vbat = 2.6 V
42
mA
PP; HPM/J; Vbat = 2.6 V
49
mA
Table 20: Supply currents (long slot)
PARAMETER
DESCRIPTION
CONDITIONS (Note 24)
MIN
TYP
MAX
UNIT
Ibat_FP_stby
standby supply current
FP; HPM; Vbat = 2.6 V
60
mA
FP; HPM/U; Vbat = 2.6 V
59
mA
FP; HPM/J; Vbat = 2.6 V
80
mA
Ibat_FP_talk
talk supply current
FP; HPM; Vbat = 2.6 V
107
mA
FP; HPM/U; Vbat = 2.6 V
96
mA
FP; HPM/J; Vbat = 2.6 V
117
mA
Ibat_PP_stby
standby supply current
PP; Vbat = 2.6 V
10
mA
Ibat_PP_talk
talk supply current
PP; LPM; Vbat = 2.6 V
55
mA
PP; HPM; Vbat = 2.6 V
80
mA
PP; HPM/U; Vbat = 2.6 V
66
mA
PP; HPM/J; Vbat = 2.6 V
66
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com