Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG4B41337 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLG4B41337
Description  Low Power Consumption
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG4B41337 Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLG4B41337 Datasheet HTML 1Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 2Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 3Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 4Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 5Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 6Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 7Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 8Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SLG4B41337
Battery Saver
SLG4B41337_DS_r100
Page 4
4
Absolute Maximum Conditions
Parameter
Condition
Min.
Max.
Unit
VHIGH to GND
-0.3
7
V
Voltage at input pins
-0.3
7
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
125
°C
Junction temperature
--
150
°C
ESD Protection (Human Body Model)
2000
--
V
ESD Protection (Charged Device Model)
1000
--
V
Moisture Sensitivity Level
1
P-FET Power Switch IDSPK
For no more than 1 ms with 1% duty cycle
--
1.5
A
Electrical Characteristics
(@ 25°C, unless otherwise stated)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
2.3
3.3
4.35
V
TA
Operating Temperature
-40
25
85
°C
IQ
Quiescent Current
Static inputs and outputs
--
1
--
µA
VO
Maximal Voltage Applied to
any PIN in High-Impedance
State
--
--
VDD
V
IO
Maximal Average or DC
Current (note 1)
Per Each Chip Side
--
--
90
mA
VIH
HIGH-Level Input Voltage
Logic Input with Schmitt Trigger,
at VDD=3.3V
2.13
--
VDD
V
VIL
LOW-Level Input Voltage
Logic Input with Schmitt Trigger,
at VDD=3.3V
--
--
0.95
V
IIH
HIGH-Level Input Current
Logic Input PINs; VIN = VDD
-1.0
--
1.0
µA
IIL
LOW-Level Input Current
Logic Input PINs; VIN = 0V
-1.0
--
1.0
µA
VOH
HIGH-Level Output Voltage
(note 1)
Push Pull & PMOS OD,
IOH = 3mA, 1X Driver, at VDD=3.3 V
2.71
3.09
--
V
VOL
LOW-Level Output Voltage
(note 1)
Push Pull,
IOL = 3mA, 1X Driver, at VDD=3.3 V
--
0.15
0.28
V
Open Drain,
IOL = 3mA, 1X Driver, at VDD=3.3 V
--
0.080
0.147
IOH
HIGH-Level Output Current
(note 1)
Push Pull & PMOS OD,
VOH = 2.4 V, 1X Driver, at VDD=3.3 V
6.01
12.07
--
mA
IOL
LOW-Level Output Current
(note 1)
Push Pull,
VOL =0.4V, 1X Driver, at VDD=3.3 V
4.06
6.92
--
mA
Open Drain,
VOL =0.4V, 1X Driver, at VDD=3.3 V
7.313
12.37
--
RPULL_UP
Internal Pull Up Resistance
Pull up on PINs 2, 3
7
10
13
k
Ω
TDLY0
Delay0 Time
At temperature 25°C
456.75
501.76
534.79
ms
At temperature -40°C +85°C (note 1)
412.66
501.76
633.16
TDLY1
Delay1 Time
At temperature 25°C
3.24
3.51
3.69
s
At temperature -40°C +85°C (note 1)
2.93
3.51
4.37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com