Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG4B41337 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # SLG4B41337
Description  Low Power Consumption
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG4B41337 Datasheet(HTML) 3 Page - Dialog Semiconductor

  SLG4B41337 Datasheet HTML 1Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 2Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 3Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 4Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 5Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 6Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 7Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 8Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SLG4B41337
Battery Saver
SLG4B41337_DS_r100
Page 3
3
Pin Configuration
Pin #
Pin Name
Type
Pin Description
1
NC
--
Keep Floating or Connect to GND
2
BUTTON
Digital Input
Digital Input with Schmitt trigger
3
REGN
Digital Input
Digital Input with Schmitt trigger
4
PWR ON
Digital Output
Push Pull 1X
5
VSYS IN
P-FET Power
Switch Input
P-FET Power Switch Input
6
NC
--
Keep Floating or Connect to GND
7
VSYS OUT
P-FET Power
Switch Output
P-FET Power Switch Output
8
GND
GND
Ground
9
AGND
AGND
Ground
10
BTN SENSE
Digital Input
Digital Input with Schmitt trigger
11
BTN OUT
Digital Output
Open Drain NMOS 1X
12
NC
--
Keep Floating or Connect to GND
13
EN OUT
Digital Output
Push Pull 1X
14
VDD
PWR
Supply Voltage
Ordering Information
Part Number
Package Type
SLG4B41337V
V=STQFN-14L
SLG4B41337VTR
STQFN-14L – Tape and Reel (3k units)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com