Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG4B41337 Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # SLG4B41337
Description  Low Power Consumption
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG4B41337 Datasheet(HTML) 5 Page - Dialog Semiconductor

  SLG4B41337 Datasheet HTML 1Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 2Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 3Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 4Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 5Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 6Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 7Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 8Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SLG4B41337
Battery Saver
SLG4B41337_DS_r100
Page 5
5
TDLY2
Delay2 Time
At temperature 25°C
13.97
15.2
16.05
ms
At temperature -40°C +85°C (note 1)
12.62
15.2
19
TDLY3
Delay3 Time
At temperature 25°C
456.75
501.76
534.79
ms
At temperature -40°C +85°C (note 1)
412.66
501.76
633.16
VIN
Power Switch Input Voltage
-40 °C to 85 °C
1.5
--
5.0
V
IIN
Power Switch Current (PIN
5)
when Off, VIN = 5.0 V
--
0.02
0.1
µA
when PWR_SW_ON = VIN, No load
--
0.02
0.1
IDS_LKG
Leakage Measured from
PIN 5 to PIN 7
when Off, VIN = 5.0 V
--
0.05
1
µA
ION_LKG
PWR_SW_ON Pin Input
Leakage
--
--
0.1
µA
RDSON
Static Drain to Source
ON Resistance @ TA 25°C
@ VIN = 5.5 V
--
28.5
32.0
m
Ω
@ VIN = 3.3 V
--
36.4
40.0
@ VIN = 2.5 V
--
44.3
49.0
@ VIN = 1.8 V
--
60.8
65.0
@ VIN = 1.5 V
--
77.6
82.0
RDSON
Static Drain to Source
ON Resistance @ TA 85°C
@ VIN = 5.5 V
--
34.0
36.0
m
Ω
@ VIN = 3.3 V
--
43.8
46.0
@ VIN = 2.5 V
--
53.3
56.0
@ VIN = 1.8 V
--
72.2
76.0
@ VIN = 1.5 V
--
90.7
94.0
IDS
Operating Current
VIN = 1.5 V to 5.0 V
--
--
1.0
A
TOn_Delay
PWR_SW_ON pin Delay
Time
50% PWR_SW_ON to Ramp Begin,
VIN = 5 V, VOUT_Cap = 0.1 µF,
RL = 10 Ω
12.0
15.0
18.5
µs
50% PWR_SW_ON to Ramp Begin,
VIN = 3.3 V, VOUT_Cap = 0.1 µF,
RL = 10 Ω
17.0
22.0
30.0
50% PWR_SW_ON to Ramp Begin,
VIN = 1.5 V, VOUT_Cap = 0.1 µF,
RL = 10 Ω
44.0
55.0
76.0
TTotal_On
Total Turn On Time
50% PWR_SW_ON to 90% VOUT,
VIN = 5 V, VOUT_Cap = 0.1 µF,
RL = 10 Ω
114
122
134
µs
50% PWR_SW_ON to 90% VOUT,
VIN = 3.3 V, VOUT_Cap = 0.1 µF,
RL = 10 Ω
146
156
176
50% PWR_SW_ON to 90% VOUT,
VIN = 1.5 V, VOUT_Cap = 0.1 µF,
RL = 10 Ω
292
332
399
TRISE
Rise Time
10% VOUT to 90% VOUT,
VIN = 5 V, VOUT_Cap = 0.1 µF,
RL = 10 Ω
92
97
107
µs
10% VOUT to 90% VOUT,
VIN = 3.3 V, VOUT_Cap = 0.1 µF,
RL = 10 Ω
116
120
131
10% VOUT to 90% VOUT,
VIN = 1.5 V, VOUT_Cap = 0.1 µF,
RL = 10 Ω
228
253
296
PWR_SW
_ON_VIH
Initial Turn On Voltage
0.85
--
VIN
or
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com