Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG4B41337 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG4B41337
Description  Low Power Consumption
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG4B41337 Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG4B41337 Datasheet HTML 1Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 2Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 3Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 4Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 5Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 6Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 7Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 8Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SLG4B41337
GreenPAK™
Battery Saver
SLG4B41337_DS_r100
SLG4B41337_GP_r005
Revised October 20, 2016
Rev 1.00
Silego Technology, Inc.
General Description
Features
• Low Power Consumption
• Pb-Free / RoHS Compliant
• Halogen-Free
• STQFN-14 Package
Output Summary
• 2 Outputs — Push Pull 1X
• 1 Output — Open Drain NMOS 1X
Pin Configuration
1
2
3
4
5
6
12
11
STQFN-14
TOP VIEW
7
8
9
10
13
14
NC
BUTTON
REGN
PWR ON
GND
AGND
BTN SENSE
BTN OUT
Silego SLG4B41337 is a low power and small
form device. The SoC is housed in a 1.6 x 2.5 mm
STQFN package which is optimal for using with
small devices.


Similar Part No. - SLG4B41337

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
SLG4B41337VTR RENESAS-SLG4B41337VTR Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results

Similar Description - SLG4B41337

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
STR2-16W-130 HB-STR2-16W-130 Datasheet
53Kb / 2P
Low power consumption
STR3 HB-STR3 Datasheet
52Kb / 2P
Low power consumption
logo
Kingbright Corporation
APG1005RWF-T-5MAV KINGBRIGHT-APG1005RWF-T-5MAV Datasheet
245Kb / 6P
Low power consumption
APG1608SURKC-T KINGBRIGHT-APG1608SURKC-T Datasheet
244Kb / 5P
Low power consumption
APHHS1005LCGCK KINGBRIGHT-APHHS1005LCGCK Datasheet
226Kb / 5P
Low power consumption
APHHS1005LSYCK-J3-PF KINGBRIGHT-APHHS1005LSYCK-J3-PF Datasheet
255Kb / 5P
Low power consumption
APHHS1005LZGCK-V KINGBRIGHT-APHHS1005LZGCK-V Datasheet
262Kb / 5P
Low power consumption
APT1608LSECK-J4-PRV KINGBRIGHT-APT1608LSECK-J4-PRV Datasheet
233Kb / 5P
Low power consumption
APG0603RWF-TT-5MAV KINGBRIGHT-APG0603RWF-TT-5MAV Datasheet
248Kb / 6P
Low power consumption
APTD1608LSYCK-J3-PF KINGBRIGHT-APTD1608LSYCK-J3-PF Datasheet
237Kb / 5P
Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com