Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG4B41337 Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # SLG4B41337
Description  Low Power Consumption
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG4B41337 Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button SLG4B41337 Datasheet HTML 5Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 6Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 7Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 8Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 9Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 10Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 11Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 12Page - Dialog Semiconductor SLG4B41337 Datasheet HTML 13Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SLG4B41337
Battery Saver
SLG4B41337_DS_r100
Page 11
11
Tape and Reel Specification
Package Type
# of
Pins
Nominal
Package
Size (mm)
Max Units
Reel &
Hub Size
(mm)
Trailer A
Leader B
Pocket (mm)
per reel
per box
Pockets
Length
(mm)
Pockets
Length
(mm)
Width
Pitch
STQFN 14L
1.6x2.5 mm
FC 0.4P
Green
14
1.6x2.5x0.55
3000
3000
178/60
100
400
100
400
8
4
Carrier Tape Drawing and Dimensions
Package
Type
Pocket
BTM
Length
(mm)
Pocket
BTM Width
(mm)
Pocket
Depth
(mm)
Index Hole
Pitch
(mm)
Pocket
Pitch
(mm)
Index Hole
Diameter
(mm)
Index Hole
to Tape
Edge
(mm)
Index Hole
to Pocket
Center
(mm)
Tape Width
(mm)
A0
B0
K0
P0
P1
D0
E
F
W
STQFN 14L
1.6x2.5 mm
FC 0.4P
Green
1.8
2.8
0.7
4
4
1.55
1.75
3.5
8
Refer to EIA-481 Specifications
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 2.2 mm
3 (nominal).
More information can be found at www.jedec.org.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com