Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1007V Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLG59H1007V
Description  A 22 V, 13.3 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Load Power Monitor Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1007V Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLG59H1007V Datasheet HTML 1Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 2Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 3Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 4Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 5Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 6Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 7Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 8Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
000-0059H1007-100
Page 4 of 20
SLG59H1007V
RDSCHRG
Output Discharge Resistance
3.5
4.4
5.3
kΩ
POUT
Load Power (VIN x IDS) Analog Monitor
Output
VIN = 12 V; IDS = 3 A
14.7
15
16.5
µA
VIN = 22 V; IDS = 3 A
26.5
27.5
29.5
µA
TPOUT
POUT Response Time to Change in
Main MOSFET Current
CPOUT = 180 pF;
Step load 0 to 2.4 A;
0% to 90% POUT
--
45
--
µs
CAPOUT
Output Capacitive Load to GND
22
--
--
µF
TON_Delay
ON Delay Time
50% ON to 10% VOUT ↑;
VIN = 4.5 V; CAP = 10 nF;
RLOAD = 100 Ω, CLOAD = 10 µF
--
0.3
0.5
ms
50% ON to 10% VOUT ↑;
VIN = 22 V; CAP = 10 nF;
RLOAD = 100 Ω, CLOAD = 10µF
--
0.7
1.2
ms
TTotal_ON
Total Turn-on Time
50% ON to 90% VOUT ↑
Set by External CAP1
ms
50% ON to 90% VOUT ↑;
VIN = 4.5 V; CAP = 10 nF;
RLOAD = 100 Ω, CLOAD = 10 µF
--
1.4
2.1
ms
50% ON to 90% VOUT ↑;
VIN = 22 V; CAP = 10 nF;
RLOAD = 100 Ω, CLOAD = 10 µF
--
5
8
ms
VOUT(SR)
VOUT Slew rate
50% ON to 90% VOUT ↑
Set by External CAP1
V/ms
10% to 90% VOUT ↑;
VIN = 4.5 V; CAP = 10 nF;
RLOAD = 100 Ω, CLOAD = 10 µF
2.7
3.2
3.9
V/ms
10% to 90% VOUT ↑;
VIN = 22 V; CAP = 10 nF;
RLOAD = 100 Ω, CLOAD = 10 µF
2.9
3.1
3.4
V/ms
TOFF_Delay
OFF Delay Time
50% ON to VOUT ↓;
RLOAD = 100 Ω, No CLOAD
--
15
--
µs
TFall
VOUT Fall Time
ON = HIGH-to-LOW;
RLOAD = 100 Ω, No CLOAD
10
15
20
µs
TFAULTLOW FAULT Assertion Time
Current-limit Detection to FAULT↓;
IACL = 1 A; VIN = 22 V; RSET = 90 kΩ;
switch in 20 Ω load
--
80
--
µs
TFAULTHIGH FAULT De-assertion Time
Delay to FAULT↑ after fault condition
is removed; IACL = 1 A; VIN = 22 V;
RSET = 90 kΩ; switch out 20 Ω load
--
180
--
µs
FAULTVOL
FAULT Output Low Voltage
IFAULT = 1 mA
--
0.2
--
V
ON_VIH
ON Pin Input High Voltage
1
--
5
V
ON_VIL
ON Pin Input Low Voltage
-0.3
0
0.3
V
SEL[1,0]_VIH
SEL[1,0] pins Input High Voltage
1.65
--
4.5
V
SEL[1,0]_VIL
SEL[1,0] pins Input Low Voltage
-0.3
--
0.3
V
ION(Leakage) ON Pin Leakage Current
1V ≤ ON ≤ 5V or ON = GND
--
--
1
µA
THERMON
Thermal Protection Shutdown Thresh-
old
--
125
--
°C
THERMOFF Thermal Protection Restart Threshold
--
100
--
°C
Notes:
1. Refer to typical Timing Parameter vs. CAP performance charts for additional information when available.
Electrical Characteristics (continued)
4.5 V ≤ VIN ≤ 22 V; CIN = 47 μF, TA = -40°C to 85°C, unless otherwise noted. Typical values are at TA = 25°C
Parameter Description
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com