Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1007V Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # SLG59H1007V
Description  A 22 V, 13.3 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Load Power Monitor Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1007V Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button SLG59H1007V Datasheet HTML 9Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 10Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 11Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 12Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 13Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 14Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 15Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 16Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
000-0059H1007-100
Page 13 of 20
SLG59H1007V
Note 3: Select the closest-value tolerance capacitor.
Setting the SLG59H1007V’s Active Current Limit
Understanding the SLG59H1007V’s POUT Analog Monitor Output
In a similar fashion to that of the SLG59H1006V, the SLG59H1007V, and the SLG59H1008V, the SLG59H1007V makes available
an analog output current that is proportional to the power applied at the SLG59H1007V’s VIN pin (VIN x IDS) instead of the current
through the MOSFET (IDS). The transfer characteristic for the SLG59H1007V’s POUT monitor, in microamps (µA), is:
where
VIN = Input voltage applied to the SLG59H1007V
IDS = Steady-state MOSFET current
Using the equation above, typical POUT results for various combinations of VIN and IDS are shown in the table below:
Safe Start-up Loading for VIN = 12 V (Monotonic Ramp)
Slew Rate (V/ms)
CSLEW Control (nF)3
CLOAD (μF)
RLOAD (Ω)
1
33.3
500
20
2
16.7
250
20
3
11.1
160
20
4
8.3
120
20
5
6.7
100
20
RSET (kΩ)
Active Current Limit (A)
95
1
45
2
30
3
18
5
VIN
IDS
POUT
9V
1A
3.8µA
9V
3A
11.3µA
9V
5A
18.8µA
12V
1A
5µA
12V
3A
15µA
12V
5A
25µA
22V
1A
9.2µA
22V
3A
27.5µA
22V
5A
45.8µA
POUT =
VIN x IDS
2.4 W
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com