Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1007V Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG59H1007V
Description  A 22 V, 13.3 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Load Power Monitor Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1007V Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG59H1007V Datasheet HTML 1Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 2Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 3Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 4Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 5Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 6Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 7Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 8Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Silego Technology, Inc.
Rev 1.00
000-0059H1007-100
Revised February 24, 2017
SLG59H1007V
A 22 V, 13.3 m
Ω, 5 A Integrated Power Switch
with VIN Lockout Select and Load Power Monitor Output
Block Diagram and a 20 V / 3 A Typical Application Circuit
General Description
The SLG59H1007V is a high-performance, self-powered
13.3 mΩ NMOS power switch designed for all 4.5 to 22 V pow-
er rails up to 5A. Using a proprietary MOSFET design, the
SLG59H1007V achieves a stable 13.3 mΩ RDSON across a
wide input/supply voltage range and over temperature. Using
Silego’s proprietary CuFET™ technology, the SLG59H1007V
package also exhibits a low thermal resistance for high-current
operation.
Designed to operate over a -40
°C to 85°C range, the
SLG59H1007V is available in a low thermal resistance,
RoHS-compliant, 1.6 x 3.0 mm STQFN package.
Features
• Wide Operating Supply Voltage: 4.5 V to 22 V
• Maximum Continuous Switch Current: 5 A
• Internal nFET Power Limiting
• High-performance MOSFET Switch
Low RDSON: 13.3 mΩ at VIN = 22 V
Low ∆RDSON/∆VIN: <0.05 mΩ/V
Low ∆RDSON/∆T: <0.06 mΩ/°C
• 4-Level, Pin-programmable VIN Overvoltage Lockout
• Capacitor-programmable Inrush Current Control
• Two stage Current Limit Protection:
Resistor-programmable Active Current Limit
Internal Short-circuit Current limit
• Open Drain FAULT Signaling
• Load Power Analog Output Monitor
•Fast 4 kΩ Output Discharge
• Pb-Free / Halogen-Free / RoHS Compliant Packaging
Pin Configuration
Applications
• Power-Rail Switching
• Multifunction Printers
• Large-format Copiers
• Telecommunications Equipment
• High-performance Computing
5V, 12V, 15V, and 20V Point-of-Load Power Distribution
• Motor Drives
ON
1
FAULT
CAP
GND
SEL0
2
3
15
16
VIN
4
VOUT
SEL1
13
14
RSET
18
POUT
VIN
VIN
5
6
VIN
7
VOUT
12
VOUT
VOUT
10
11
17
VIN
VOUT
89
18-pin STQFN
1.6 x 3.0 mm, 0.40mm pitch
(Top View)
20VIN
ON
VOUT
3 V FS - Connect
to System ADC
FAULT
Connect to
System GPI
3A
Charge
Pump
CAP
10 nF
RPU2
100 k
Ω
Linear Ramp Control
State Machine
(CL/SC Detection and
Over Temperature
Protection)
Discharge
CMOS Input
VIN OVLO
24V
RSET
30.1 k
Ω
C1
47
μF
R1
84.5 k
Ω
GND
OFF
COUT
22
μF
C2
1 to
22
μF
C3
0.1
μF
VLOGIC
C4
0.18 nF
RPU1
10 k
Ω
VLOGIC
SEL0
SEL1


Similar Part No. - SLG59H1007V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59H1005V DIALOG-SLG59H1005V Datasheet
533Kb / 20P
A 22 V, 50 m廓, 3 A Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
logo
Renesas Technology Corp
SLG59H1005V RENESAS-SLG59H1005V Datasheet
1Mb / 37P
A 22 V, 50 mΩ, 3 A, Reverse Blocking Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
logo
Dialog Semiconductor
SLG59H1006V DIALOG-SLG59H1006V Datasheet
518Kb / 19P
A 22 V, 13.1 m廓, 5 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
logo
Renesas Technology Corp
SLG59H1006V RENESAS-SLG59H1006V Datasheet
1Mb / 32P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
logo
Dialog Semiconductor
SLG59H1008V DIALOG-SLG59H1008V Datasheet
473Kb / 19P
A 13.3 m廓, 4 A, Integrated Power Switch with 12V/24V Input Lockout Select and MOSFET Current Monitor Output
More results

Similar Description - SLG59H1007V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NTH1011V DIALOG-SLG5NTH1011V Datasheet
532Kb / 20P
A 22 V, 50 m廓, 3 A Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1005V DIALOG-SLG59H1005V Datasheet
533Kb / 20P
A 22 V, 50 m廓, 3 A Reverse Blocking Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1006V DIALOG-SLG59H1006V Datasheet
518Kb / 19P
A 22 V, 13.1 m廓, 5 A Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1010V DIALOG-SLG59H1010V Datasheet
515Kb / 20P
A 13.3 m廓, 5 A, Integrated Power Switch with 12V/24V Input Lockout Select and MOSFET Current Monitor Output
SLG59H1012V DIALOG-SLG59H1012V Datasheet
576Kb / 23P
A 22 V, 13.1 m廓, 6 A, 85째C-Rated, Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1016V DIALOG-SLG59H1016V Datasheet
591Kb / 23P
A 22 V, 13.1 m廓, 3.5 A, 125째C-Rated, Integrated Power Switch with VIN Lockout Select and MOSFET Current Monitor Output
SLG59H1128V DIALOG-SLG59H1128V Datasheet
1Mb / 32P
A 22 V, 13.1 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Analog Current Monitor Output
logo
Renesas Technology Corp
SLG59H1006V RENESAS-SLG59H1006V Datasheet
1Mb / 32P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1010V RENESAS-SLG59H1010V Datasheet
1Mb / 32P
A 13.3 mΩ, 5 A Load Switch with 12 V / 24 V VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
SLG59H1128V RENESAS-SLG59H1128V Datasheet
2Mb / 36P
A 22 V, 13.1 mΩ, 5 A Load Switch with VIN Lockout Select and MOSFET Current Monitor Output
2-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com