Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1007V Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # SLG59H1007V
Description  A 22 V, 13.3 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Load Power Monitor Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1007V Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button SLG59H1007V Datasheet HTML 12Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 13Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 14Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 15Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 16Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 17Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 18Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 19Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 20Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
000-0059H1007-100
Page 19 of 20
SLG59H1007V
Tape and Reel Specifications
Carrier Tape Drawing and Dimensions
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 2.64 mm3 (nominal). More
information can be found at www.jedec.org.
Package
Type
# of
Pins
Nominal
Package Size
[mm]
Max Units
Reel &
Hub Size
[mm]
Leader (min)
Trailer (min)
Tape
Width
[mm]
Part
Pitch
[mm]
per Reel per Box
Pockets
Length
[mm]
Pockets
Length
[mm]
STQFN
18L 0.4P
FC Green
18
1.6 x 3 x 0.55
3,000
3,000
178 / 60
100
400
100
400
8
4
Package
Type
PocketBTM
Length
PocketBTM
Width
Pocket
Depth
Index Hole
Pitch
Pocket
Pitch
Index Hole
Diameter
Index Hole
to Tape
Edge
Index Hole
to Pocket
Center
Tape Width
A0
B0
K0
P0
P1
D0
E
F
W
STQFN 18L
0.4P FC
Green
1.78
3.18
0.76
4
4
1.5
1.75
3.5
8
Refer to EIA-481 specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com