Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59H1007V Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # SLG59H1007V
Description  A 22 V, 13.3 m廓, 5 A Integrated Power Switch with VIN Lockout Select and Load Power Monitor Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59H1007V Datasheet(HTML) 3 Page - Dialog Semiconductor

  SLG59H1007V Datasheet HTML 1Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 2Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 3Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 4Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 5Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 6Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 7Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 8Page - Dialog Semiconductor SLG59H1007V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
000-0059H1007-100
Page 3 of 20
SLG59H1007V
Absolute Maximum Ratings
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIN to GND
Power Switch Input Voltage to GND
Continuous
-0.3
--
30
V
Maximum pulsed VIN, pulse
width <0.1s
--
--
32
V
VOUT to GND
Power Switch Output Voltage to
GND
-0.3
--
VIN
V
ON, SEL[1,0], CAP,
RSET, POUT, and
FAULT to GND
ON, SEL[1,0], CAP, RSET, POUT,
and FAULT Pin Voltages to GND
-0.3
--
7
V
TS
Storage Temperature
-65
--
150
°C
ESDHBM
ESD Protection
Human Body Model
2000
--
--
V
ESDCDM
ESD Protection
Charged Device Model
500
--
--
V
MSL
Moisture Sensitivity Level
1
θJA
Thermal Resistance
1.6 x 3.0 mm 18L STQFN; De-
termined with the device mount-
ed onto a 1 in2, 1 oz. copper pad
of FR-4 material
--
40
--
°C/W
MOSFET IDSCONT
Continuous Current from VIN to
VOUT
TJ < 150°C
--
--
5
A
MOSFET IDSPEAK Peak Current from VIN to VOUT
Maximum pulsed switch current,
pulse width < 1 ms, 1% duty cy-
cle
--
--
6
A
Note: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Electrical Characteristics
4.5 V ≤ VIN ≤ 22 V; CIN = 47 μF, TA = -40°C to 85°C, unless otherwise noted. Typical values are at TA = 25°C
Parameter Description
Conditions
Min.
Typ.
Max.
Unit
VIN
Operating Input Voltage
4.5
--
22
V
VIN(OVLO)
VIN Overvoltage Lockout Threshold
VIN ↑; SEL[1,0] = [0,0]
5.6
6
6.3
V
VIN ↑; SEL[1,0] = [0,1]
10.2
10.8
11.4
V
VIN ↑; SEL[1,0] = [1,0]
13.5
14.4
15.2
V
VIN ↑; SEL[1,0] = [1,1]
22.6
24
25.2
V
VIN(UVLO)
VIN Undervoltage Lockout
Threshold
VIN ↓
2.4
--
3.8
V
IQ
Quiescent Supply Current
ON = HIGH;
IDS = 0 A
--
0.5
0.6
mA
ISHDN
OFF Mode Supply Current
ON = LOW;
IDS = 0 A
--
1
3
µA
RDSON
Static Drain to Source ON Resistance
TA = 25°C;
IDS = 0.1 A
--
13.3
14
mΩ
TA = 85°C;
IDS = 0.1 A
--
17.7
18
mΩ
ILIMIT
Active Current Limit, IACL
VOUT > 0.5 V; RSET = 30.1 kΩ
2.8
3.2
3.6
A
Short-circuit Current Limit, ISCL
VOUT < 0.5 V
--
0.5
--
A
TACL
Active Current Limit Response Time
RSET = 51.6 kΩ
--
120
--
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com