Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1007 Datasheet(PDF) 2 Page - Littelfuse

Part # SP1007
Description  3.5pF 8kV Bidirectional Discrete TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1007 Datasheet(HTML) 2 Page - Littelfuse

  SP1007 Datasheet HTML 1Page - Littelfuse SP1007 Datasheet HTML 2Page - Littelfuse SP1007 Datasheet HTML 3Page - Littelfuse SP1007 Datasheet HTML 4Page - Littelfuse SP1007 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP1007 Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
2.0
A
T
OP
Operating Temperature
–40 to 125
°C
T
STOR
Storage Temperature
–55 to 150
°C
Electrical Characteristics (T
OP=25ºC)
Note:
1
Parameter is guaranteed by design and/or device characterization.
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
–55 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature (Soldering 20-40s)
260
°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
6.0
V
Breakdown Voltage
V
BR
I
R=1mA
8.5
9.5
V
Leakage Current
I
LEAK
V
R=5V with 1 pin at GND
0.1
0.5
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
11.2
V
I
PP=2A, tp=8/20µs, Fwd
13.1
V
Dynamic Resistance
R
DYN
(V
C2 - VC1) / (IPP2 - IPP1)
1.9
Ω
ESD Withstand Voltage1
V
ESD
IEC 61000-4-2 (Contact Discharge)
±8
kV
IEC 61000-4-2 (Air Discharge)
±15
kV
Diode Capacitance1
C
D
Reverse Bias=0V
5
6
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com