Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1007 Datasheet(PDF) 1 Page - Littelfuse

Part # SP1007
Description  3.5pF 8kV Bidirectional Discrete TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1007 Datasheet(HTML) 1 Page - Littelfuse

  SP1007 Datasheet HTML 1Page - Littelfuse SP1007 Datasheet HTML 2Page - Littelfuse SP1007 Datasheet HTML 3Page - Littelfuse SP1007 Datasheet HTML 4Page - Littelfuse SP1007 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP1007 Series
Description
Applications
The SP1007 includes back-to-back Zener diodes fabricated
in a proprietary silicon avalanche technology to provide
protection for electronic equipment that may experience
destructive electrostatic discharges (ESD). These robust
diodes can safely absorb repetitive ESD strikes at the
maximum level specified in the IEC 61000-4-2 international
standard (Level 4, ±8kV contact discharge) without
performance degradation. The back-to-back configuration
provides symmetrical ESD protection for data lines when
AC signals are present.
Features
• RoHS compliant,
Halogen-free and Lead-
free
• ESD, IEC 61000-4-2,
±8kV contact, ±15kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, IEC 61000-
4-5, 2nd Edition, 2A
(t
P=8/20μs)
• Low capacitance of 5pF
(TYP @ V
R=5V)
• Low leakage current of
0.1μA at 5V
• Space efficient 0201 and
0402 footprint
• Mobile Phones
• Smart Phones
• Camcorders
• Portable Medical
• Digital Cameras
• MP3/PMP
• Portable Navigation
Devices
• Tablets
• Point of Sale Terminals
Pinout
Functional Block Diagram
1
2
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
RoHS
Pb GREEN
Application Example
I/O Controller
Outside
World
P1
GND
Keypads
P2
IC
P3
P4
SP1007 (x4)
12
0201 Flipchip
1
2
SOD882
SP1007 Series 3.5pF 8kV Bidirectional Discrete TVS
Additional Information
Datasheet
Samples
Resources


Similar Part No. - SP1007

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1007 LITTELFUSE-SP1007 Datasheet
298Kb / 6P
SPA??Silicon Protection Array Products 3.5pF Bi-Directional 0201 TVS Diode for ESD Protection
SP1007-01WTG LITTELFUSE-SP1007-01WTG Datasheet
298Kb / 6P
SPA??Silicon Protection Array Products 3.5pF Bi-Directional 0201 TVS Diode for ESD Protection
logo
Shanghai Leiditech Elec...
SP1007-01WTG LEIDITECH-SP1007-01WTG Datasheet
906Kb / 3P
1- Line Bi-directional TVS Diode
Rev : 01.06.2014
More results

Similar Description - SP1007

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1002 LITTELFUSE-SP1002_11 Datasheet
232Kb / 4P
SP1002 Series 5pF 8kV Bidirectional TVS Array
SP3118 LITTELFUSE-SP3118 Datasheet
2Mb / 5P
0.3pF 10KV Bidirectional Discrete TVS
SD-C LITTELFUSE-SD-C Datasheet
1,012Kb / 7P
450W Discrete Bidirectional TVS Diode
SP1002 LITTELFUSE-SP1002_17 Datasheet
683Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004_17 Datasheet
704Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
30pF 30kV Bidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
30pF 30kV Bidirectional Discrete TVS
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
100W Discrete Bidirectional TVS Diode
SP1103C LITTELFUSE-SP1103C Datasheet
704Kb / 5P
80A Discrete Bidirectional TVS Diode
2022 Littelfuse, Inc.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com