Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1007 Datasheet (PDF) - Littelfuse

SP1007 Datasheet PDF - Littelfuse
Part # SP1007
Download  SP1007 Download
File Size   1039.02 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 3.5pF 8kV Bidirectional Discrete TVS

SP1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1007 Datasheet PDF - Littelfuse

Part # SP1007
Download  SP1007 Click to download

File Size   1039.02 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 3.5pF 8kV Bidirectional Discrete TVS

SP1007 Datasheet (HTML) - Littelfuse




Similar Part No. - SP1007

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1007 LITTELFUSE-SP1007 Datasheet
298Kb / 6P
SPA??Silicon Protection Array Products 3.5pF Bi-Directional 0201 TVS Diode for ESD Protection
SP1007-01WTG LITTELFUSE-SP1007-01WTG Datasheet
298Kb / 6P
SPA??Silicon Protection Array Products 3.5pF Bi-Directional 0201 TVS Diode for ESD Protection
logo
Shanghai Leiditech Elec...
SP1007-01WTG LEIDITECH-SP1007-01WTG Datasheet
906Kb / 3P
1- Line Bi-directional TVS Diode
Rev : 01.06.2014
More results


Similar Description - SP1007

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1002 LITTELFUSE-SP1002_11 Datasheet
232Kb / 4P
SP1002 Series 5pF 8kV Bidirectional TVS Array
SP3118 LITTELFUSE-SP3118 Datasheet
2Mb / 5P
0.3pF 10KV Bidirectional Discrete TVS
SD-C LITTELFUSE-SD-C Datasheet
1,012Kb / 7P
450W Discrete Bidirectional TVS Diode
SP1002 LITTELFUSE-SP1002_17 Datasheet
683Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1004 LITTELFUSE-SP1004_17 Datasheet
704Kb / 4P
5pF 8kV Bidirectional TVS Array
SP1005 LITTELFUSE-SP1005_17 Datasheet
915Kb / 5P
30pF 30kV Bidirectional Discrete TVS
SP1009 LITTELFUSE-SP1009 Datasheet
656Kb / 4P
30pF 30kV Bidirectional Discrete TVS
SPHV-C LITTELFUSE-SPHV-C Datasheet
997Kb / 6P
200W Discrete Bidirectional TVS Diode
SPXX LITTELFUSE-SPXX Datasheet
1,014Kb / 6P
100W Discrete Bidirectional TVS Diode
SP1103C LITTELFUSE-SP1103C Datasheet
704Kb / 5P
80A Discrete Bidirectional TVS Diode
2022 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com