Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1007 Datasheet(PDF) 3 Page - Littelfuse

Part # SP1007
Description  3.5pF 8kV Bidirectional Discrete TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1007 Datasheet(HTML) 3 Page - Littelfuse

  SP1007 Datasheet HTML 1Page - Littelfuse SP1007 Datasheet HTML 2Page - Littelfuse SP1007 Datasheet HTML 3Page - Littelfuse SP1007 Datasheet HTML 4Page - Littelfuse SP1007 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP1007 Series
Pulse Waveform
Capacitance vs. Reverse Bias
0.0
0.5
1.01.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Bias Voltage (V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
SP1007-01ETG
SP1007-01WTG
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Time (s)
Insertion Loss (S21) I/O to GND
Frequency (MHz)
-35
-30
-25
-20
-15
-10
-5
0
-40
-45
10
100
1000
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Product Characteristics of SOD-882 Package
Lead Plating
Pre-Plated Frame
Lead Material
Copper Alloy
Lead Coplanarity
0.0004 inches (0.102mm)
Substitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL 94 V-0
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.
5. Package surface matte finish VDI 11-13.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com