Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1007 Datasheet(PDF) 4 Page - Littelfuse

Part # SP1007
Description  3.5pF 8kV Bidirectional Discrete TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP1007 Datasheet(HTML) 4 Page - Littelfuse

  SP1007 Datasheet HTML 1Page - Littelfuse SP1007 Datasheet HTML 2Page - Littelfuse SP1007 Datasheet HTML 3Page - Littelfuse SP1007 Datasheet HTML 4Page - Littelfuse SP1007 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
General Purpose ESD Protection - SP1007 Series
Package Dimensions — 0201 Flip Chip
Symbol
0201 Flipchip
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.595
0.620
0.645
0.0234 0.0244 0.0254
B
0.295
0.320
0.345
0.0116
0.0126
0.0136
C
0.245
0.275
0.305
0.0096
0.0108
0.0120
D
0.145
0.150
0.155
0.0057 0.0059 0.0061
E
0.245
0.250
0.255
0.0096 0.0098
0.0100
F
0.245
0.250
0.255
0.0096 0.0098
0.0100
G
0.005
0.010
0.015
0.0002 0.0004 0.0006
A
B
D
E
D
F
C
G
0.325
0.325
0.975
0.650
Recommended Soldering Pad Layout
0.650
Package Dimensions — SOD882
Part Numbering System
Part Marking System
SP 1007 01 x T G
Series
Number of
Channels
Package
W: 0201 Flipchip
T= Tape & Reel
G= Green
–
TVS Diode Arrays
(SPA® Diodes)
E: SOD882
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
SP1007-01WTG
0201 Flipchip
• •
10,000
SP1007-01ETG
SOD882
•b
10,000
SP1007-01WTG
b
SP1007-01ETG
Symbol
Package
SOD882
JEDEC
MO-236
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.90
1.00
1.10
0.035
0.039
0.043
B
0.50
0.60
0.70
0.020
0.024
0.028
C
0.40
0.50
0.60
0.016
0.020
0.024
D
0.45
0.018
E
0.20
0.25
0.35
0.008
0.010
0.012
F
0.45
0.50
0.55
0.018
0.020
0.022



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com