Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755CMZFU366LE Datasheet(PDF) 9 Page - ATMEL Corporation

Part # PC755CMZFU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMZFU366LE Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button PC755CMZFU366LE Datasheet HTML 5Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 6Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 7Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 8Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 9Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 10Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 11Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 12Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
PC755/745
2138D–HIREL–06/03
Notes:
1. OV
DD supplies power to the processor bus, JTAG, and all control signals and VDD supplies power to the processor core and
the PLL (after filtering to become AVDD). These columns serve as a reference for the nominal voltage supported on a given
signal as selected by the BVSEL pin configuration of Table 4 and the voltage supplied. For actual recommended value of VIN
or supply voltages see Table 3.
2. These are test signals for factory use only and must be pulled up to OVDD for normal machine operation.
3. To allow for future I/O voltage changes, provide the option to connect BVSEL independently to either OVDD (selects 3.3V) or
to OGND (selects 1.8V/2.0V).
4. Uses one of 15 existing no
-connects in PC745’s 255-BGA package.
5. Internal pull up on die.
6. Internally tied to GND in the PC745 255
-BGA package to indicate to the power supply that a low-voltage processor is
present. This signal is not a power supply input.
MCP
C13
Low
Input
–
–
NC (No
-
Connect)
B7, B8, C3, C6, C8, D5, D6, H4, J16, A4, A5, A2, A3, B5
–
–
–
–
OVDD
C7, E5, E7, E10, E12, G3, G5, G12, G14, K3, K5, K12, K14,
M5, M7, M10, M12, P7, P10
–
–
1.8V/2.0V
3.3V
PLL_CFG[0
-3]
A8, B9, A9, D9
High
Input
–
–
QACK
D3
Low
Input
–
–
QREQ
J3
Low
Output
–
–
RSRV
D1
Low
Output
–
–
SMI
A16
Low
Input
–
–
SRESET
B14
Low
Input
–
–
SYSCLK
C9
–
Input
–
–
TA
H14
Low
Input
–
–
TBEN
C2
High
Input
–
–
TBST
A14
Low
I/O
–
–
TCK
C11
High
Input
–
–
TDI(5)
A11
High
Input
–
–
TDO
A12
High
Output
–
–
TEA
H13
Low
Input
–
–
TLBISYNC
C4
Low
Input
–
–
TMS(5)
B11
High
Input
–
–
TRST(5)
C10
Low
Input
–
–
TS
J13
Low
I/O
–
–
TSIZ[0
-2]
A13, D10, B12
High
Output
–
–
TT[0
-4]
B13, A15, B16, C14, C15
High
I/O
–
–
WT
D2
Low
Output
–
–
V
DD 2
F6, F8, F9, F11, G7, G10, H6, H8, H9, H11, J6, J8, J9, J11,
K7, K10, L6, L8, L9, L11
–
–
2V
2V
VOLTDET(6)
F3
High
Output
–
–
Table 1. Pinout Listing for the PC745, 255 PBGA Package (Continued)
Signal Name
Pin Number
Active
I/O
I/F Voltages Supported(1)
1.8V/2.0V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com