Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755CMZFU366LE Datasheet(PDF) 10 Page - ATMEL Corporation

Part # PC755CMZFU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMZFU366LE Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button PC755CMZFU366LE Datasheet HTML 6Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 7Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 8Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 9Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 10Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 11Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 12Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 13Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
PC755/745
2138D–HIREL–06/03
Table 2 provides the pinout listing for the PC755, 360 PBGA, CBGA and CI-CGA + HiTCE
Table 2. Pinout Listing for the PC755, 360 PBGA, CBGA and CI-CGA Packages + HiTCE
(8)
Signal Name
Pin Number
Active
I/O
I/F Voltages
Supported(1)
1.8V/2.0V
3.3V
A[0
-31]
A13, D2, H11, C1, B13, F2, C13, E5, D13, G7, F12, G3, G6, H2,
E2, L3, G5, L4, G4, J4, H7, E1, G2, F3, J7, M3, H3, J2, J6, K3, K2,
L2
High
I/O
–
–
AACK
N3
Low
Input
–
–
ABB
L7
Low
I/O
–
–
AP[0
-3]
C4, C5, C6, C7
High
I/O
–
–
ARTRY
L6
Low
I/O
–
–
AVDD
A8
-
-
2V
2V
BG
H1
Low
Input
–
–
BR
E7
Low
Output
–
–
BVSEL(3)(5)(6)
W1
High
Input
GND
3.3V
CI
C2
Low
Output
–
–
CKSTP_IN
B8
Low
Input
–
–
CKSTP_OUT
D7
Low
Output
–
–
CLK_OUT
E3
–
Output
–
–
DBB
K5
Low
I/O
–
–
DBDIS
G1
Low
Input
–
–
DBG
K1
Low
Input
–
–
DBWO
D1
Low
Input
–
–
DH[0
-31]
W12, W11, V11, T9, W10, U9, U10, M11, M9, P8, W7, P9, W9,
R10, W6, V7, V6, U8, V9, T7, U7, R7, U6, W5, U5, W4, P7, V5, V4,
W3, U4, R5
High
I/O
–
–
DL[0
-31]
M6, P3, N4, N5, R3, M7, T2, N6, U2, N7, P11, V13, U12, P12, T13,
W13, U13, V10, W8, T11, U11, V12, V8, T1, P1, V1, U1, N1, R2,
V3, U3, W2
High
I/O
–
–
DP[0
-7]
L1, P2, M2, V2, M1, N2, T3, R1
High
I/O
–
–
DRTRY
H6
Low
Input
–
–
GBL
B1
Low
I/O
–
–
GND
D10, D14, D16, D4, D6, E12, E8, F4, F6, F10, F14, F16, G9, G11,
H5, H8, H10, H12, H15, J9, J11, K4, K6, K8, K10, K12, K14, K16,
L9, L11, M5, M8, M10, M12, M15, N9, N11, P4, P6, P10, P14, P16,
R8, R12, T4, T6, T10, T14, T16
–
–
GND
GND
HRESET
B6
Low
Input
–
–
INT
C11
Low
Input
–
–
L1_TSTCLK(2)
F8
High
Input
–
–
L2ADDR[0
-16]
L17, L18, L19, M19, K18, K17, K15, J19, J18, J17, J16, H18, H17,
J14, J13, H19, G18
High
Output
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com