Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755CMZFU366LE Datasheet(PDF) 37 Page - ATMEL Corporation

Part # PC755CMZFU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMZFU366LE Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button PC755CMZFU366LE Datasheet HTML 33Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 34Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 35Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 36Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 37Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 38Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 39Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 40Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
37
PC755/745
2138D–HIREL–06/03
Preparation for Delivery
Packaging
Microcircuits are prepared for delivery in accordance with MIL-PRF-38535.
Certificate of Compliance
Atmel offers a certificate of compliances with each shipment of parts, affirming the prod-
ucts are in compliance either with MIL-PRF-883 and guarantying the parameters not
tested at temperature extremes for the entire temperature range.
Handling
MOS devices must be handled with certain precautions to avoid damage due to accu-
mulation of static charge. Input protection devices have been designed in the chip to
minimize the effect of static buildup. However, the following handling practices are
recommended:
1.
Devices should be handled on benches with conductive and grounded surfaces.
2.
Ground test equipment, tools and operator.
3.
Do not handle devices by the leads.
4.
Store devices in conductive foam or carriers.
5.
Avoid use of plastic, rubber, or silk in MOS areas.
6.
Maintain relative humidity above 50 percent if practical.
7.
For CI-CGA packages, use specific tray to take care of the highest height of the
package compared with the normal CBGA.
Package Mechanical
Data
The following sections provide the package parameters and mechanical dimensions for
the PC745, 255 PBGA package as well as the PC755, 360 CBGA and PBGA packages.
While both the PC755 plastic and the ceramic packages are described here, both pack-
ages are not guaranteed to be available at the same time. All new designs should allow
for either ceramic or plastic BGA packages for this device. For more information on
designing a common footprint for both plastic and ceramic package types, please con-
tact your local Motorola sales office.
Parameters for the
PC745
Package Parameters for the
PC745 PBGA
The package parameters are as provided in the following list. The package type is
21 x 21 mm, 255-lead plastic ball grid array (PBGA).
Mechanical Dimensions of the
PC745 PBGA Package
Figure 25 provides the mechanical dimensions and bottom surface nomenclature of the
PC745, 255 PBGA package.
Package outline
21 x 21 mm
Interconnects
255 (16 x 16 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.25 mm
Maximum module height
2.80 mm
Ball diameter (typical)
0.75 mm (29.5 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com