Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755CMZFU366LE Datasheet(PDF) 32 Page - ATMEL Corporation

Part # PC755CMZFU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMZFU366LE Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button PC755CMZFU366LE Datasheet HTML 28Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 29Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 30Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 31Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 32Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 33Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 34Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 35Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
PC755/745
2138D–HIREL–06/03
IEEE 1149.1 AC Timing
Specifications
Timing Specifications
Table 17 provides the IEEE 1149.1 (JTAG) AC timing specifications as defined in Figure
18, Figure 19, Figure 20, and Figure 21.
Notes:
1. All outputs are measured from the midpoint voltage of the falling/rising edge of TCLK to the midpoint of the signal in ques-
tion. The output timings are measured at the pins. All output timings assume a purely resistive 50
Ω load (See Figure 18).
Time
-of-flight delays must be added for trace lengths, vias, and connectors in the system.
2. TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
3. Non
-JTAG signal input timing with respect to TCK.
4. Non
-JTAG signal output timing with respect to TCK.
5. Guaranteed by design and characterization.
Figure 18 provides the AC test load for TDO and the boundary-scan outputs of the PC755.
Figure 18. ALTERNATE AC Test Load for the JTAG Interface
Table 17. JTAG AC Timing Specifications (Independent of SYSCLK)(1)
Parameter
Symbol
Min
Max
Unit
TCK Frequency of operation
fTCLK
0
16
MHz
TCK Cycle time
fTCLK
62.5
-
ns
TCK Clock pulse width measured at 1.4V
t
JHJL
31
-
ns
TCK Rise and fall times
tJR & tJF
0
2
ns
TRST Assert time(2)
tTRST
25
-
ns
Input Setup Times:(3)
Boundary
-scan data
TMS, TDI
tDVJH
tIVJH
4
0
-
-
ns
Input Hold Times:(3)
Boundary
-scan data
TMS, TDI
tDXJH
t
IXJH
15
12
-
-
ns
Valid Times:(4)
Boundary
-scan data
TDO
t
JLDV
tJLOV
-
-
4
4
ns
Output Hold Times:(4)
Boundary
-scan data
TDO
t
JLDV
tJLOV
25
12
-
-
ns
TCK to output high impedance:(4)(5)
Boundary
-scan data
TDO
tJLDZ
t
JLOZ
3
3
19
9
ns
OVDD/2
OUTPUT
Z0 = 50Ω
RL = 50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com