Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC755CMZFU366LE Datasheet(PDF) 14 Page - ATMEL Corporation

Part # PC755CMZFU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMZFU366LE Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button PC755CMZFU366LE Datasheet HTML 10Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 11Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 12Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 13Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 14Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 15Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 16Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 17Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
14
PC755/745
2138D–HIREL–06/03
Detailed
Specification
Scope
This drawing describes the specific requirements for the microprocessor PC755, in com-
pliance with Atmel Grenoble standard screening.
Applicable Documents
1) MIL-STD-883: Test methods and procedures for electronics.
2) MIL-PRF-38535 appendix A: General specifications for microcircuits.
Requirements
General
The microcircuits are in accordance with the applicable documents and as specified
herein.
Design and Construction
Terminal Connections
Depending on the package, the terminal connections is shown in Table 1, Table 2 and
Figure 4.
Absolute Maximum Rating
Notes:
1. Functional and tested operating conditions are given in Table 5. Absolute maximum ratings are stress ratings only, and func-
tional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2. Caution: V
IN must not exceed OVDD or L2OVDD by more than 0.3V at any time including during power-on reset.
3. Caution: L2OV
DD/OVDD must not exceed VDD/AVDD/L2AVDD by more than 1.6V during normal operation. During power-on
reset and power-down sequences, L2OVDD/OVDD may exceed VDD/AVDD/L2AVDD by up to 3.3V for up to 20 ms, or by 2.5V
for up to 40 ms. Excursions beyond 3.3V or 40 ms are not supported.
4. Caution: V
DD/AVDD/L2AVDD must not exceed L2OVDD/OVDD by more than 0.4V during normal operation. During power-on
reset and power-down sequences, VDD/AVDD/L2AVDD may exceed L2OVDD/OVDD by up to 1.0V for up to 20 ms, or by 0.7V
for up to 40 ms. Excursions beyond 1.0V or 40 ms are not supported.
5. This is a DC specifications only. VIN may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure
5.
Table 3. Absolute Maximum Ratings
(1)
Characteristic
Symbol
Maximum Value
Unit
Core supply voltage(4)
VDD
-0.3 to 2.5
V
PLL supply voltage(4)
AV
DD
-0.3 to 2.5
V
L2 DLL supply voltage(4)
L2AVDD
-0.3 to 2.5
V
Processor bus supply voltage(3)
OV
DD
-0.3 to 3.6
V
L2 bus supply voltage(3)
L2OV
DD
-0.3 to 3.6
V
Input voltage
Processor bus(2)(5)
Vin
-0.3 to OVDD + 0.3V
V
L2 Bus(2)(5)
V
in
-0.3 to L2OV
DD + 0.3V
V
JTAG Signals
V
in
-0.3 to 3.6
V
Storage temperature range
Tstg
-65 to 150
°C
Rework Temperature
T
rwk
220
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com