Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.242-R2 Datasheet(PDF) 1 Page - PULS GmbH

Part # CP10.242-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.242-R2 Datasheet(HTML) 1 Page - PULS GmbH

  CP10.242-R2 Datasheet HTML 1Page - PULS GmbH CP10.242-R2 Datasheet HTML 2Page - PULS GmbH CP10.242-R2 Datasheet HTML 3Page - PULS GmbH CP10.242-R2 Datasheet HTML 4Page - PULS GmbH CP10.242-R2 Datasheet HTML 5Page - PULS GmbH CP10.242-R2 Datasheet HTML 6Page - PULS GmbH CP10.242-R2 Datasheet HTML 7Page - PULS GmbH CP10.242-R2 Datasheet HTML 8Page - PULS GmbH CP10.242-R2 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
1/31
P R E L I M I N A R Y
REDUNDANCY POWER SUPPLY
AC 100-240V Wide-range Input
Width only 39mm
Built-in Decoupling Mosfet for 1+1 and n+1 Redundancy
Efficiency up to 94.7%
20% Output Power Reserves
Safe HiccupPLUS Overload Mode
Easy Fuse Breaking – 3 times nominal current for 12ms
Active Power Factor Correction (PFC)
Minimal Inrush Current Surge
Full Power Between -25°C and +60°C
DC-OK Relay Contact
Current Sharing Feature Included
3 Year Warranty
GENERAL DESCRIPTION
The Dimension CP-Series are cost optimized power
supplies without compromising quality, reliability and
performance. The most outstanding features of the
CP10.241–R1/-R2/-R3 units are the high efficiency,
electronic inrush current limitation, active PFC, wide
operational temperature range and the extraordinary
small size. The units include a decoupling MOSFET for
building 1+1 or n+1 redundant power supply systems.
These redundancy power supplies come with three
connection terminal options; screw terminals, spring-
clamp terminals or plug connector terminals which
allows replacement on an active application.
CP10.242-R2 version feature an enhanced DC input
voltage range.
With high immunity to transients and power surges, low
electromagnetic emission, a DC-OK signal contact for
remote monitoring, and a large international approval
package, makes this unit suitable for nearly every
application.
SHORT-FORM DATA
Output voltage
DC 24V
0%/+6%
Adjustment range
-
Output current
12A
Below +45°C ambient
10A
At +60°C ambient
7.5A
At +70°C ambient
Derate linearely between +45°C and +70°C
AC Input voltage
AC 100-240V
-15%/+10%
Mains frequency
50-60Hz
±6%
AC Input current
2.17 / 1.14A
At 120 / 230Vac
Power factor
0.99 / 0.97
At 120 / 230Vac
Input voltage DC
DC 110-150V±20% For CP10.241-Rx
DC 110-300V±20% For CP10.242-R2
Input current DC
2.35A / 0.84A
At 110 / 300Vdc
AC Inrush current
6 / 9Apk
At 120 / 230Vac
Efficiency
93.0 / 94.7%
At 120 / 230Vac
Losses
18.1 / 13.4W
At 120 / 230Vac
Hold-up time
37 / 37ms
At 120 / 230Vac
Temperature range
-25°C to +70°C
Size (w x h x d)
39x124x117mm
Without DIN-rail and
plug connectors
Weight
600g / 1.32lb
ORDER NUMBERS
Power Supplies
CP10.241-R1
With quick-connect spring-clamp
terminals
CP10.241-R2
With hot swappable plug
connectors (preferred item)
CP10.241-R3
With screw terminals
CP10.242-R2
Enhanced DC-Input
Mechanical Accessory
ZM4.WALL
Wall/panel mount bracket
ZM12.SIDE
Side mount bracket
MARKINGS
For details or a complete approval list see section 20.


Similar Part No. - CP10.242-R2

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.242-S1 PULS-CP10.242-S1 Datasheet
954Kb / 30P
24V, 10A, 240W, SINGLE PHASE INPUT
More results

Similar Description - CP10.242-R2

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.243 PULS-CS10.243 Datasheet
682Kb / 25P
24V, 10A, SINGLE PHASE INPUT
CS10.244 PULS-CS10.244 Datasheet
670Kb / 24P
24V, 10A, SINGLE PHASE INPUT
PIC240.241D PULS-PIC240.241D Datasheet
549Kb / 21P
24V, 10A, SINGLE PHASE INPUT
PIC240.241C PULS-PIC240.241C Datasheet
507Kb / 21P
24V, 10A, SINGLE PHASE INPUT
QS10.241 PULS-QS10.241 Datasheet
856Kb / 28P
24V, 10A, SINGLE PHASE INPUT
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
DC/DC Converter 24V/24V, 10A, 240W
CP10.241-M1 PULS-CP10.241-M1 Datasheet
704Kb / 27P
24V, 10A, SINGLE PHASE INPUT
CP10E242 PULS-CP10E242 Datasheet
954Kb / 30P
24V, 10A, 240W, SINGLE PHASE INPUT
CP10.241 PULS-CP10.241_17 Datasheet
955Kb / 30P
24V, 10A, 240W, SINGLE PHASE INPUT
logo
Weidmuller
2838460000 WEIDMULLER-2838460000 Datasheet
734Kb / 5P
PRO BAS 240W 24V 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com