Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.242-R2 Datasheet(PDF) 19 Page - PULS GmbH

Part # CP10.242-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.242-R2 Datasheet(HTML) 19 Page - PULS GmbH

Back Button CP10.242-R2 Datasheet HTML 15Page - PULS GmbH CP10.242-R2 Datasheet HTML 16Page - PULS GmbH CP10.242-R2 Datasheet HTML 17Page - PULS GmbH CP10.242-R2 Datasheet HTML 18Page - PULS GmbH CP10.242-R2 Datasheet HTML 19Page - PULS GmbH CP10.242-R2 Datasheet HTML 20Page - PULS GmbH CP10.242-R2 Datasheet HTML 21Page - PULS GmbH CP10.242-R2 Datasheet HTML 22Page - PULS GmbH CP10.242-R2 Datasheet HTML 23Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
19/31
P R E L I M I N A R Y
18. SAFETY AND PROTECTION FEATURES
Isolation resistance
Min.
500MOhm
At delivered condition between input and output,
measured with 500Vdc
Min.
500MOhm
At delivered condition between input and PE,
measured with 500Vdc
Min.
500MOhm
At delivered condition between output and PE,
measured with 500Vdc
Min.
500MOhm
At delivered condition between output and DC-OK
contacts, measured with 500Vdc
PE resistance
Max.
0.1Ohm
Resistance between PE terminal and the housing in
the area of the DIN-rail mounting bracket.
Output over-voltage protection1)
Typ.
30.5Vdc
Max.
32Vdc
Class of protection
I
According to IEC 61140
Degree of protection
IP 20
According to EN/IEC 60529
Over-temperature protection2)
Included
Output shut-down with automatic restart.
Input transient protection
MOV
(Metal Oxide Varistor)
For protection values see chapter 16 (EMC).
Internal input fuse
Included
Not user replaceable slow-blow high-braking
capacity fuse
Touch current (leakage current)
Typ.
0.14mA / 0.36mA
At 100Vac, 50Hz, TN-,TT-mains / IT-mains
Typ.
0.20mA / 0.50mA
At 120Vac, 60Hz, TN-,TT-mains / IT-mains
Typ.
0.33mA / 0.86mA
At 230Vac, 50Hz, TN-,TT-mains / IT-mains
Max.
0.18mA / 0.43mA
At 110Vac, 50Hz, TN-,TT-mains / IT-mains
Max.
0.26mA / 0.61mA
At 132Vac, 60Hz, TN-,TT-mains / IT-mains
Max.
0.44mA / 1.05mA
At 264Vac, 50Hz, TN-,TT-mains / IT-mains
1) In case of an internal defect, a redundant circuit limits the maximum output voltage. The output shuts down and automatically attempts to
restart.
2) Temperature sensors are installed on critical components inside the unit and turn the unit off in safety critical situations, which can happen
e.g. when ambient temperature is too high, ventilation is obstructed or the de-rating requirements are not followed. There is no correlation
between the operating temperature and turn-off temperature since this is dependent on input voltage, load and installation methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com