Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.242-R2 Datasheet(PDF) 7 Page - PULS GmbH

Part # CP10.242-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.242-R2 Datasheet(HTML) 7 Page - PULS GmbH

Back Button CP10.242-R2 Datasheet HTML 3Page - PULS GmbH CP10.242-R2 Datasheet HTML 4Page - PULS GmbH CP10.242-R2 Datasheet HTML 5Page - PULS GmbH CP10.242-R2 Datasheet HTML 6Page - PULS GmbH CP10.242-R2 Datasheet HTML 7Page - PULS GmbH CP10.242-R2 Datasheet HTML 8Page - PULS GmbH CP10.242-R2 Datasheet HTML 9Page - PULS GmbH CP10.242-R2 Datasheet HTML 10Page - PULS GmbH CP10.242-R2 Datasheet HTML 11Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
7/31
P R E L I M I N A R Y
5. INPUT INRUSH CURRENT
An active inrush limitation circuit (NTCs, which are bypassed by a relay contact) limits the input inrush current after
turn-on of the input voltage.
The charging current into EMI suppression capacitors is disregarded in the first microseconds after switch-on.
AC 100V
AC 120V
AC 230V
Inrush current
Max.
11Apeak
7Apeak
11Apeak
At 40°C, cold start
Typ.
9Apeak
6Apeak
6Apeak
At 25°C, cold start
Typ.
9Apeak
6Apeak
9Apeak
At 40°C, cold start
Inrush energy
Max.
0.1A²s
0.1A²s
0.4A²s
At 40°C, cold start
Fig. 5-1 Typical turn-on behaviour at nominal
load, 120Vac input and 25°C ambient
Fig. 5-2 Typical turn-on behaviour at nominal
load, 230Vac input and 25°C ambient
50ms/DIV
Input current
2A/DIV
Input voltage
250V/DIV
6A
50ms/DIV
Input current
2A/DIV
Input voltage
500V/DIV
Output voltage 20V/DIV
Output voltage 20V/DIV
6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com