Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.242-R2 Datasheet(PDF) 5 Page - PULS GmbH

Part # CP10.242-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.242-R2 Datasheet(HTML) 5 Page - PULS GmbH

  CP10.242-R2 Datasheet HTML 1Page - PULS GmbH CP10.242-R2 Datasheet HTML 2Page - PULS GmbH CP10.242-R2 Datasheet HTML 3Page - PULS GmbH CP10.242-R2 Datasheet HTML 4Page - PULS GmbH CP10.242-R2 Datasheet HTML 5Page - PULS GmbH CP10.242-R2 Datasheet HTML 6Page - PULS GmbH CP10.242-R2 Datasheet HTML 7Page - PULS GmbH CP10.242-R2 Datasheet HTML 8Page - PULS GmbH CP10.242-R2 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/31
P R E L I M I N A R Y
3. AC-INPUT
The device is suitable to be supplied from TN-, TT- and IT mains networks with AC voltage. For suitable DC supply
voltages see chapter 4.
AC input
Nom.
AC 100-240V
AC input range
Min.
85-264Vac
Continuous operation
Min.
264-300Vac
For maximal 500ms (occasional)
Allowed voltage L or N to earth
Max.
300Vac
Continuous, according to IEC 60664-1
Input frequency
Nom.
50–60Hz
±6%
Turn-on voltage
Typ.
80Vac
Steady-state value, see Fig. 3-1
Shut-down voltage
Typ.
70Vac
Steady-state value, see Fig. 3-1
Typ.
55Vac
Dynamic value (max. 250ms)
External input protection
See recommendations in chapter 2.
AC 100V
AC 120V
AC 230V
Input current
Typ.
2.63A
2.17A
1.14A
At 10A, see Fig. 3-3
Power factor
Typ.
0.99
0.99
0.97
At 10A, see Fig. 3-4
Crest factor
Typ.
1.5
1.5
1.65
At 10A, The crest factor is the
mathematical ratio of the peak
value to RMS value of the input
current waveform.
Start-up delay
Typ.
300ms
290ms
240ms
See Fig. 3-2
Rise time
Typ.
30ms
30ms
30ms
At 10A const. current load, 0mF
load capacitance, see Fig. 3-2
Typ.
75ms
75ms
75ms
At 10A const. current load, 20mF
load capacitance,, see Fig. 3-2
Turn-on overshoot
Max.
200mV
200mV
200mV
See Fig. 3-2
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
IN
P
OUT
300Vac
264V
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output current
Fig. 3-4 Power factor vs. output current
24A
2468 10 12 14 16 18
0
1
2
3
4
5
6A
Input Current, typ.
a) 100Vac
b) 120Vac
c) 230Vac
b
a
c
Output Current
Power Factor, typ.
2
4
6
8 10 12141618
24A
0.75
0.8
0.85
0.9
0.95
1.0
20 22
20 22
a) 100Vac
b) 120Vac
c) 230Vac
a, b
c
Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com