Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10.242-R2 Datasheet(PDF) 6 Page - PULS GmbH

Part # CP10.242-R2
Description  24V, 10A, 240W, SINGLE PHASE
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CP10.242-R2 Datasheet(HTML) 6 Page - PULS GmbH

Back Button CP10.242-R2 Datasheet HTML 2Page - PULS GmbH CP10.242-R2 Datasheet HTML 3Page - PULS GmbH CP10.242-R2 Datasheet HTML 4Page - PULS GmbH CP10.242-R2 Datasheet HTML 5Page - PULS GmbH CP10.242-R2 Datasheet HTML 6Page - PULS GmbH CP10.242-R2 Datasheet HTML 7Page - PULS GmbH CP10.242-R2 Datasheet HTML 8Page - PULS GmbH CP10.242-R2 Datasheet HTML 9Page - PULS GmbH CP10.242-R2 Datasheet HTML 10Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CP10.241-R1, CP10.241-R2,
CP10.241-R3,CP10.242-R2
CP-Series
24V, 10A, 240W, SINGLE PHASE
Feb. 2018 / CP10.241-R2 Rev0.3-EN - All values are typical figures specified at 230Vac, 50Hz input voltage, 24V, 10A output
load, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
6/31
P R E L I M I N A R Y
4. DC-INPUT
The device is suitable to be supplied from a DC input voltage. Use a battery or a similar DC source. A supply from the
intermediate DC-bus of a frequency converter is not recommended and can cause a malfunction or damage the unit.
Connect +pole to L, –pole to N and the PE terminal to an earth wire or to the machine ground.
DC input
Nom.
DC 110-150V
±20% for CP10.241-Rx
Nom.
DC 110-300V
±20% for CP10.242-R2
DC input range
Min.
88-180Vdc
Continuous operation for CP10.241-Rx
88-360Vdc
Continuous operation for CP10.242-R2
DC input current
Typ.
2.35A
At 110Vdc and 10A load current
Typ.
0.84A
At 300Vdc and 10A load current
Allowed Voltage (+) or (-) input
to Earth
Max.
360Vdc
Continuous according to IEC 60664-1
Turn-on voltage
Typ.
80Vdc
Steady state value
Shut-down voltage
Typ.
70Vdc
Steady state value
Typ.
55Vdc
Dynamic value (max. 250ms)
Fig. 4-1 Wiring for DC Input
+
-
Load
L
PE
+
-
Power Supply
AC
DC
Battery
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com