Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS22C012P Datasheet(PDF) 12 Page - Integrated Silicon Solution, Inc

Part # IS22C012P
Description  VERSATILE 10 SEC INSTANT VOICE ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS22C012P Datasheet(HTML) 12 Page - Integrated Silicon Solution, Inc

Back Button IS22C012P Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
IS22C012
12
Integrated Silicon Solution, Inc. — 1-800-379-4774
ADVANCE INFORMATION VP010-0B
02/24/99
ISSI®
NOTICE
Integrated Silicon Solution, Inc., reserves the right to make changes to the products contained in this publication
in order to improve design, performance or reliability. Integrated Silicon Solution, Inc. assumes no responsibility
for the use of any circuits described herein, conveys no license under any patent or other right, and makes no
representation that the circuits are free of patent infringement. Charts and schedules contained herein reflect
representative operating parameters, and may vary depending upon a user's specific application. While the
information in this publication has been carefully checked, Integrated Silicon Solution, Inc. shall not be liable for
any damages arising as a result of any error or omission.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications
where the failure or malfunction of the product can reasonably be expected to cause failure of the life support
system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications
unless Integrated Silicon Solution, Inc. receives written assurances, to its satisfaction, that: (a) the risk of injury
or damage has been minimized; (b) the user assumes all such risks; and (c) potential liability of Integrated Silicon
Solution, Inc. is adequately protected under the circumstances.
Copyright 1999 Integrated Silicon Solution, Inc.
Reproduction in whole or in part, without the prior written consent of Integrated Silicon Solution, Inc., is prohibited.
ORDERING INFORMATION
Commerical Range: 0
°C to +70°C
Order Part No.
Package
IS22C012X
Unpackaged
IS22C012P
300-mil Plastic DIP
ISSI®
Integrated Silicon Solution, Inc.
2231 Lawson Lane
Santa Clara, CA 95054
Tel: 1-800-379-4774
Fax: (408) 588-0806
E-mail: sales@issi.com
www.issi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com