Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS22C012P Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS22C012P
Description  VERSATILE 10 SEC INSTANT VOICE ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS22C012P Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS22C012P Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IS22C012
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
ADVANCE INFORMATION VP010-0B
02/24/99
ISSI®
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC - GND
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
VIN
GND – 0.3 < VIN < VCC + 0.3
V
VOUT
GND < VOUT < VCC
V
TA
Operating Temperature
–10 to +85
°C
TSTG
Storage Temperature
–55 to +125
°C
DC CHARACTERISTICS
Symbol Parameter Description
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
2.4
3.0
6.0
V
ISB
Standby Current
Vcc = 3.0V, I/O Open
—
1
5
µA
IOP
Operating Current
Vcc = 3.0V, I/O Open
—
—
100
µA
VIH
Input HIGH Voltage
Vcc = 3.0V
2.5
3.0
3.5
V
VIL
Input LOW Voltage
Vcc = 2.0V
–0.3
0
0.3
V
IOH
VOUT HIGH Operating Current
Vcc = 3.0V, VOUT = 3.0V
—
–12
—
mA
IOL
VOUT LOW Operating Current
Vcc = 3.0V, VOUT = 0V
—
12
—
mA
ICO
COUT Operating Current
Vcc = 3.0V, VCOUT = 0.7V
—
–2
—
mA
ISTPH
STP HIGH Operating Current
Vcc = 3.0V, VSTP = 3.0V
—
–5
—
mA
ISTPL
STP LOW Operating Current
Vcc = 3.0V, VSTP = 0V
—
5
—
mA
ILED
LED Output Current
Vcc = 2.2V – 6.0V
6
8
10
mA
∆F/F
Frequency Stability
(FOSC [3V] – FOSC [3.5V]) / FOSC (3.0V) —
—
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com