Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS22C012P Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS22C012P
Description  VERSATILE 10 SEC INSTANT VOICE ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS22C012P Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS22C012P Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IS22C012
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
ADVANCE INFORMATION VP010-0B
02/24/99
ISSI®
APPLICATION CIRCUITS
TYPICAL APPLICATION
CASCADE APPLICATION
Vcc
GND
S1
S2
S3
S4
SBT
IRP
OSC
COUT
SP
ROSC
Vcc
GND
S1
S2
S3
S4
SBT
IRP
R
OSC
C
VOUT2
ROSC
VOUT1
PIEZO
BUZZER OR
32/64 OHM
SPEAKER
Vcc
GND
SBT
R
IRP
OSC
COUT
SP
ROSC
Vcc
GND
SBT
IRP
OSC
ROSC
COUT
OUT3
Notes:
1. To direct dirve a speaker or buzzer, C is needed (C = 0.1
µF).
2. R = 330 Ohm (if using transistor 8050 and Vcc = 4.5V).
3. SP = 8 Ohm speaker.
4. To determine the value of ROSC, refer to the Sampling Frequency vs. ROSC tables on page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com