Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS22C012P Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS22C012P
Description  VERSATILE 10 SEC INSTANT VOICE ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS22C012P Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS22C012P Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This specification contains ADVANCE INFORMATION data. ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best
possible product. We assume no responsibility for any errors which may appear in this publication. © Copyright 1999, Integrated Silicon Solution, Inc.
IS22C012
ADVANCE INFORMATION
FEBRUARY 1999
VERSATILE 10 SEC INSTANT
VOICE ROM
GENERAL DESCRIPTION
IS22C012 is a high quality voice synthesizer capable of
varying playback duration. A proprietary ADPCM algorithm
is used. The audio message is stored in a 256K bits on-
chip EPROM which can store up to ten seconds of voice
data at 6 KHz sample rate.
The IS22C012 eliminates the need of complicated circuitry
in voice playback but still achieves high voice quality.
Sounds such as human speech, animal sounds, musical
sounds and even special sound effects can be synthesized.
Versatile combinations in sections achieve longer playback
duration. In addition, devices can be cascaded to achieve
longer voice duration. Two devices can be configured in
parallel in order to achieve signal mixing without an external
mixer in which speech can be mixed with background
music each from one of two different chips.
The IS22C012 provides wide operating voltage range
from 2.4V to 6.0V. PWM digital amplifier output pins, VOUT1
and VOUT2 provides direct drive to buzzer or speaker.
A current output pin, COUT, enables the device to drive a
speaker through a low cost NPN transistor. No complex
filtering or amplifier circuit is needed. An automatic ramp-
down function eliminates undesired noise at the end of
playback.
FEATURES
• Minimum 10 second voice length at 6 KHz
• Versatile features for playback
• Combination of voice building blocks
extends the duration of playback
• Voice data re-use saves memory space
• Four trigger pins, S1 to S4 for eight groups
• SBT for sequential play-all
• Holdable and unholdable, edge and level
triggering option
• 15 ms debounce time suitable for CDS
• IRP interrupt pin for master reset
• Three programmable output pins for STP Stop
Pulse, BUSY Signal, and LED
• Built-in oscillator with variable sample rate
• Single external resistor to determine sample rate
• Built-in D/A converter, EPROM
• ADPCM data compression provides high sound
quality
• Optional pop noise elimination function
•COUT pin drives speaker with a transistor
•VOUT1 and VOUT2 drives buzzer or speaker
directly
• Auto-power down
• 2.4V-6V single power supply operation
• Low standby current (<5
µA at 3V)
• Development tools support
Group of sections
The voice data memory area of the IS22C012 can be
subdivided into 124 sections. Any combination of these
sections will form an individual group for data playback. A
maximum of eight groups are available with activation
controlled by S1 to S4 pins. The SBT pin can be used to
trigger multiple groups playback in sequence.
Group Configuration
Voice within each group are combinations of different fixed
memory sections of up to 124 sections. These sections are
the fundamental voice building blocks for arranging
playback without limiting sequencing. This provides
flexibility and allows data to be re-used, beneficial for
applications with many repeated sounds or words.
An example of group configuration is illustrated below:
Group No.
Section Entry
Group 1
Sec 1 + Sec 2 + Sec 3 ……. Sec 109
Group 2
Sec 3 + Sec 2
Group 3
Sec 10 + Sec 11 + Sec 12
Group 4
Sec110 + Sec 10 + Sec 5
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
ADVANCE INFORMATION VP010-0B
02/24/99


Similar Part No. - IS22C012P

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
IS22C022P ISSI-IS22C022P Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
IS22C022X ISSI-IS22C022X Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
IS22C040 ISSI-IS22C040 Datasheet
58Kb / 11P
32 to 40 SEC INSTANT VOICE ROM
IS22C040P ISSI-IS22C040P Datasheet
58Kb / 11P
32 to 40 SEC INSTANT VOICE ROM
More results

Similar Description - IS22C012P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSSI121-2 MOSEL-MSSI121-2 Datasheet
10Kb / 1P
12 Instant Voice VROM
logo
Aplus Intergrated Circu...
API8108A APLUS-API8108A Datasheet
783Kb / 10P
VERSATILE 10 SEC INSTANT VOICE ROM
API8208A APLUS-API8208A Datasheet
174Kb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
API840N APLUS-API840N Datasheet
284Kb / 10P
32 to 40 SEC INSTANT VOICE ROM
logo
Integrated Silicon Solu...
22C040 ISSI-22C040 Datasheet
58Kb / 11P
32 to 40 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
M5106 ETC-M5106 Datasheet
99Kb / 1P
6 SEC VOICE
logo
Integrated Silicon Solu...
IS22C022 ISSI-IS22C022 Datasheet
65Kb / 11P
VERSATILE 20 SEC INSTANT VOICE ROM
logo
List of Unclassifed Man...
M5109 ETC-M5109 Datasheet
99Kb / 1P
9 SEC VOICE
APL8208 ETC-APL8208 Datasheet
2Mb / 10P
VERSATILE 20 SEC INSTANT VOICE ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com