Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS22C012P Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS22C012P
Description  VERSATILE 10 SEC INSTANT VOICE ROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS22C012P Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS22C012P Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS22C012P Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IS22C012
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
ADVANCE INFORMATION VP010-0B
02/24/99
ISSI®
PIN DESCRIPTION
OUT1
Programmable output 1
OUT2
Programmable output 2
OUT3
Programmable output 3
VOUT1
PWM audio signal output for buzzer and speaker
VOUT2
PWM audio signal output for buzzer and speaker
GND
Power ground
COUT
Current output from internal DAC for speaker playback
OSC
Oscillator resistor pin to control sampling frequency
VPP
Program power supply, no connect when voice playback
S1
Trigger switch 1, internal pull low, active high
S2
Trigger switch 2, internal pull low, active high
VCC
Positive power supply
S3
Trigger switch 3, internal pull low, active high
S4
Trigger switch 4, internal pull low, active high
SBT
Sequential trigger, internal pull low, active high
IRP
Interrupt to stop playback, internal pull low, active high
Note:
1. The following pins are used to program data into the memory: pins 4, 5, 6,
8, 9, 12, 15 and 16.
BONDING PARAMETERS
Pin
Name
X
Y
1
OUT1
204
–678
2VOUT1
423
–678
3VOUT2
718
–678
4
GND
893
–678
5
OUT2
786
677
6
OUT3
590
677
7COUT
167
677
8
OSC
–89
677
9VPP
–306
677
10
S1
–483
677
11
S2
–691
677
12
VCC
–899
677
13
S3
–796
–678
14
S4
–588
–678
15
SBT
–380
–678
16
IRP
–172
–678
BONDING DIAGRAM
Note: Programming requires connection to
pins 4, 5, 6, 8, 9, 12, 15, and 16.
PIN CONFIGURATIONS
300-mil PDIP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT1
VOUT1
VOUT2
GND
OUT2
OUT3
COUT
OSC
IRP
SBT
S4
S3
VCC
S2
S1
VPP
12
11
10
9
8
7
6
5
13
14
15
16
2
4
13
NC
NC
(0,0)
X
Y
Note: Substrate must be connected to GND
Pad size = 80
µm x 80 µm
Die size = 2128 x 1635
µm
83.78 x 64.37 mil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com