Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7228LPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7228LPZ
Description  LC2MOS Octal 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7228LPZ Datasheet(HTML) 4 Page - Analog Devices

  AD7228LPZ Datasheet HTML 1Page - Analog Devices AD7228LPZ Datasheet HTML 2Page - Analog Devices AD7228LPZ Datasheet HTML 3Page - Analog Devices AD7228LPZ Datasheet HTML 4Page - Analog Devices AD7228LPZ Datasheet HTML 5Page - Analog Devices AD7228LPZ Datasheet HTML 6Page - Analog Devices AD7228LPZ Datasheet HTML 7Page - Analog Devices AD7228LPZ Datasheet HTML 8Page - Analog Devices AD7228LPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
AD7228
Rev. D | Page 3 of 15
SPECIFICATIONS
DUAL SUPPLY
VDD = 10.8 V to 16.5 V, VSS = −5 V ± 10%, GND = 0 V, VREF = 2 V to 10 V, RL = 2 kΩ, CL = 100 pF, unless otherwise noted. All
specifications TMIN to TMAX, −40°C to +85°C unless otherwise noted. VOUT must be less than VDD by 3.5 V to ensure correct operation.
Table 1.
Parameter
K and B
Versions
L and C
Versions
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
8
8
Bits
Total Unadjusted Error (TUE)1
±2
±1
LSB max
VDD = 15 V ± 10%, VREF = 10 V
Relative Accuracy
±1
±1/2
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed monotonic
Full-Scale Error2
±1
±1/2
LSB max
Typical temperature coefficient is 5 ppm/°C with
VREF = 10 V
Zero Code Error
at 25°C
±25
±15
mV max
Typical temperature coefficient is 30 µV/°C
TMIN to TMAX
±30
±20
mV max
Minimum Load Resistance
2
2
kΩ min
VOUT = 10 V
REFERENCE INPUT
Voltage Range
2/10
2/10
V min/V max
Input Resistance
2
2
kΩ min
Input Capacitance3
500
500
pF max
Occurs when each DAC is loaded with all 1s
AC Feedthrough
−70
−70
dB typ
VREF = 8 V p-p sine wave at 10 kHz
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current
±1
±1
µA max
VIN = 0 V or VDD
Input Capacitance3
8
8
pF max
Input Coding
Binary
Binary
DYNAMIC PERFORMANCE3
Voltage Output Slew Rate
2
2
V/µs min
Voltage Output Settling Time
Positive Full-Scale Change
5
5
µs max
VREF = 10 V; settling time to ±1/2 LSB
Negative Full-Scale Change
5
5
µs max
VREF = 10 V; settling time to ±1/2 LSB
Digital Feedthrough
50
50
nV-sec typ
Code transition all 0s to all 1s, VREF = 0 V; WR = VDD
Digital Crosstalk4
50
50
nV-sec typ
Code transition all 0s to all 1s, VREF = 10 V; WR = 0 V
POWER SUPPLIES
VDD Range
10.8/16.5
10.8/16.5
V min/V max
For specified performance
VSS Range
−4.5/−5.5
−4.5/−5.5
V min/V max
For specified performance
IDD
Outputs unloaded; VIN = VINL or VINH
at 25°C
16
16
mA max
TMIN to TMAX
20
20
mA max
ISS
Outputs unloaded; VIN = VINL or VINH
at 25°C
14
14
mA max
TMIN to TMAX
18
18
mA max
1
Total unadjusted error includes zero code error, relative accuracy, and full-scale error.
2
Calculated after zero code error is adjusted out.
3
Sample tested at TA = 25°C to ensure compliance.
4
The glitch impulse transferred to the output of one converter (not addressed) due to a change in the digital input code to another addressed converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com