Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7228LPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7228LPZ
Description  LC2MOS Octal 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7228LPZ Datasheet(HTML) 1 Page - Analog Devices

  AD7228LPZ Datasheet HTML 1Page - Analog Devices AD7228LPZ Datasheet HTML 2Page - Analog Devices AD7228LPZ Datasheet HTML 3Page - Analog Devices AD7228LPZ Datasheet HTML 4Page - Analog Devices AD7228LPZ Datasheet HTML 5Page - Analog Devices AD7228LPZ Datasheet HTML 6Page - Analog Devices AD7228LPZ Datasheet HTML 7Page - Analog Devices AD7228LPZ Datasheet HTML 8Page - Analog Devices AD7228LPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LC2MOS Octal 8-Bit DAC
Data Sheet
AD7228
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1992–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Eight 8-bit DACs with output amplifiers
Operates with single or dual supplies
Microprocessor-compatible (95 ns WR pulse)
No user trims required
Skinny 24-lead PDIP, CERDIP, and SOIC packages, and a
28-lead PLCC surface-mount package
FUNCTIONAL BLOCK DIAGRAM
VSS
GND
LATCH 5
DAC 5
LATCH 6
DAC 6
LATCH 7
DAC 7
LATCH 8
CONTROL
LOGIC
DAC 8
VOUT8
8
WR
A1
A0
A2
AD7228
10
12
2
3
4
5
6
7
8
9
21
22
23
24
11
1
VOUT7
7
VOUT6
6
VOUT5
5
VOUT4
4
VOUT3
3
VOUT2
2
VOUT1
1
LATCH 1
DAC 1
LATCH 2
DAC 2
LATCH 3
DAC 3
LATCH 4
DAC 4
VREF
VDD
MSB
DATA
(8-BIT)
LSB
13
20
Figure 1.
GENERAL DESCRIPTION
The AD7228 contains eight 8-bit voltage mode digital-to- analog
converters (DACs), with output buffer amplifiers and interface
logic on a single monolithic chip. No external trims are required
to achieve the full specified performance for the device.
Separate on-chip latches are provided for each of the eight DACs.
Data is transferred into the data latches through a common
8-bit, TTL/CMOS-compatible input port (5 V). The A0, A1,
and A2 address inputs determine which latch is loaded
when WR goes low. The control logic is speed compatible with
most 8-bit microprocessors.
Specified performance is guaranteed for input reference voltages
from 2 V to 10 V when using dual supplies. The device is also
specified for single-supply operation using a reference of 10 V.
Each output buffer amplifier is capable of developing 10 V across a
2 kΩ load.
The AD7228 is fabricated on an all ion implanted, high speed,
linear-compatible CMOS (LC2MOS) process, specifically
developed to integrate high speed digital logic circuits and
precision analog circuits on the same chip.
PRODUCT HIGHLIGHTS
1. The single chip design of eight 8-bit DACs and amplifiers
allows a dramatic reduction in board space requirements
and offers increased reliability in systems using multiple
converters. The PDIP, CERDIP, and SOIC pinout is aimed at
optimizing board layout with all analog inputs and outputs at
one side of the package and all digital inputs at the other.
2. The voltage mode configuration of the DACs allows single
supply operation of the AD7228. The device can also be
operated with dual supplies giving enhanced performance
for some parameters.
3. The AD7228 has a common 8-bit data bus with individual
DAC latches, providing a versatile control architecture for
simple interface to microprocessors. All latch enable signals
are level triggered and speed compatible with most high
performance 8-bit microprocessors.


Similar Part No. - AD7228LPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
More results

Similar Description - AD7228LPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7568 AD-AD7568 Datasheet
241Kb / 12P
LC2MOS Octal 12-Bit DAC
REV.B
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
LC2MOS Octal 12-Bit DAC
REV. C
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
LC2MOS Octal 12-Bit DAC
REV. C
AD7228A AD-AD7228A Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC Mount Packages
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com