Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7228LPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7228LPZ
Description  LC2MOS Octal 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7228LPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7228LPZ Datasheet HTML 5Page - Analog Devices AD7228LPZ Datasheet HTML 6Page - Analog Devices AD7228LPZ Datasheet HTML 7Page - Analog Devices AD7228LPZ Datasheet HTML 8Page - Analog Devices AD7228LPZ Datasheet HTML 9Page - Analog Devices AD7228LPZ Datasheet HTML 10Page - Analog Devices AD7228LPZ Datasheet HTML 11Page - Analog Devices AD7228LPZ Datasheet HTML 12Page - Analog Devices AD7228LPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7228
Data Sheet
Rev. D | Page 8 of 15
THEORY OF OPERATION
CIRCUIT INFORMATION
DACs
The AD7228 contains eight identical, 8-bit, voltage mode DACs.
The output voltages from the converters have the same polarity
as the reference voltage, allowing single-supply operation. A
novel DAC switch pair arrangement on the AD7228 allows a
reference voltage range from 2 V to 10 V. Each DAC consists of
a highly stable, thin film, R-2R ladder and eight high speed
NMOS switches. The simplified circuit diagram for one channel
is shown in Figure 5. Note that VREF and GND are common to
all eight DACs.
RR
R
2R
DB7
2R
DB6
2R
DB5
VREF
VOUT
NOTES
1. SHOWN FOR ALL 1s ON DAC.
GND
2R
DB0
2R
Figure 5. DAC Simplified Circuit Diagram
The input impedance at the VREF pin of the AD7228 is the parallel
combination of the eight individual DAC reference input imp-
edances. It is code dependent and can vary from 2 kΩ to infinity.
The lowest input impedance occurs when all eight DACs are
loaded with digital code 01010101. Therefore, it is important
that the external reference source presents a low output imp-
edance to the VREF terminal of the AD7228 under changing load
conditions. Due to transient currents at the reference input during
digital code changes, a 0.1 μF (or greater) decoupling capacitor is
recommended on the VREF input for dc applications. The nodal
capacitance at the reference terminal is also code dependent
and typically varies from 120 pF to 350 pF.
Consider each VOUTX pin as a digitally programmable voltage
source with an output voltage.
VOUTx = DN × VREF
where DN is a fractional representation of the digital input code
and can vary from 0 to 255/256.
The output impedance is that of the output buffer amplifier as
described in the Op Amp section.
Op Amp
Each voltage mode DAC output is buffered by a unity-gain,
noninverting, CMOS amplifier. This buffer amplifier is tested
with a 2 kΩ and 100 pF load, but typically drives a 2 kΩ and
500 pF load.
The AD7228 can be operated from single or dual supplies.
Operating the device from single or dual supplies has no effect
on the positive going settling time. However, the negative going
settling time to voltages near 0 V in single-supply operation is
slightly longer than the settling time for dual supply operation.
Additionally, to ensure that the output voltage can go to 0 V in
single-supply operation, a transistor on the output acts as a
passive pull-down as the output voltage nears 0 V. As a result,
the sink capability of the amplifier is reduced as the output
voltage nears 0 V in single-supply operation. In dual supply
operation, the full sink capability of 400 μA at 25°C is maintained
over the entire output voltage range. The single-supply output
sink capability is shown in Figure 6. The negative VSS also gives
improved output amplifier performance, allowing an extended
input reference voltage range and giving an improved slew rate
at the output.
600
500
400
300
200
100
0
1
2345
6
OUTPUT VOLTAGE (V)
789
10
VDD = +15V
VSS = 0V
TA = –55°C
TA = +25°C
TA = +125°C
Figure 6. Single Supply Sink Current
The output broadband noise from the amplifier is 300 μV p-p.
Figure 7 shows a plot of noise spectral density vs. frequency.
700
600
500
400
300
200
100
0
FREQUENCY (Hz)
100
1k
10k
100k
VDD = +15V
VSS = –5V
TA = 25°C
Figure 7. Noise Spectral Density vs. Frequency
Digital Inputs
The AD7228 digital inputs are compatible with either TTL or
5 V CMOS levels. All logic inputs are static protected MOS
gates with typical input currents of less than 1 nA. Internal
input protection is achieved by on-chip distributed diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com