Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7228LPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7228LPZ
Description  LC2MOS Octal 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7228LPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7228LPZ Datasheet HTML 2Page - Analog Devices AD7228LPZ Datasheet HTML 3Page - Analog Devices AD7228LPZ Datasheet HTML 4Page - Analog Devices AD7228LPZ Datasheet HTML 5Page - Analog Devices AD7228LPZ Datasheet HTML 6Page - Analog Devices AD7228LPZ Datasheet HTML 7Page - Analog Devices AD7228LPZ Datasheet HTML 8Page - Analog Devices AD7228LPZ Datasheet HTML 9Page - Analog Devices AD7228LPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
AD7228
Rev. D | Page 5 of 15
SWITCHING CHARACTERISTICS
See Figure 8 and Figure 2; VDD = 5 V ± 5% or 10.8 V to 16.5 V; VSS = 0 V or –5 V ± 10%. Sample tested at 25°C to ensure compliance. All
input rise and fall times measured from 10% to 90% of 5 V, tR = tF = 5 ns. Timing measurement reference level is (VINH + VINL)/2.
Table 3.
Parameter
Limit at 25°C,
All Grades
Limit at TMIN, TMAX,
K, L, B, and C Versions
Unit
Description
t1
0
0
ns min
Address to WR setup time
t2
0
0
ns min
Address to WR hold time
t3
70
90
ns min
Data valid to WR setup time
t4
10
10
ns min
Data valid to WR hold time
t5
95
120
ns min
Write pulse width
t2
5V
0V
5V
VINH
VINL
0V
5V
0V
WR
ADDRESS
NOTES
1. THE SELECTED INPUT LATCH IS TRANSPARENT WHILE WR
IS LOW, THUS INVALID DATA DURING THIS TIME CAN
CAUSE SPURIOUS OUTPUTS.
DATA
t4
t1
t5
t3
Figure 2. Write Cycle Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com