Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7228LPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7228LPZ
Description  LC2MOS Octal 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7228LPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7228LPZ Datasheet HTML 6Page - Analog Devices AD7228LPZ Datasheet HTML 7Page - Analog Devices AD7228LPZ Datasheet HTML 8Page - Analog Devices AD7228LPZ Datasheet HTML 9Page - Analog Devices AD7228LPZ Datasheet HTML 10Page - Analog Devices AD7228LPZ Datasheet HTML 11Page - Analog Devices AD7228LPZ Datasheet HTML 12Page - Analog Devices AD7228LPZ Datasheet HTML 13Page - Analog Devices AD7228LPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet
AD7228
Rev. D | Page 9 of 15
Interface Logic Information
The A0, A1, and A2 address lines select which DAC accepts
data from the input port. Table 6 shows the selection table for
the eight DACs and Figure 8 shows the input control logic.
When the WR signal is low, the input latch of the selected DAC
is transparent, and its output responds to activity on the data
bus. The data is latched into the addressed DAC latch on the
rising edge of WR. While WR is high, the analog outputs
remain at the value corresponding to the data held in their
respective latches.
Table 6. AD7228 Truth Table
Control Inputs
Operation
WR
A2
A1
A0
High
X1
X
X
No operation, device
not selected
Low
Low
Low
Low
DAC 1 transparent
Low to High
Low
Low
Low
DAC 1 latched
Low
Low
Low
High
DAC 2 transparent
Low
Low
High
Low
DAC 3 transparent
Low
Low
High
High
DAC 4 transparent
Low
High
Low
Low
DAC 5 transparent
Low
High
Low
High
DAC 6 transparent
Low
High
High
Low
DAC 7 transparent
Low
High
High
High
DAC 8 transparent
1 X means don’t care.
A0
TO DAC 1 LATCH
A1
A2
WR
TO DAC 2 LATCH
TO DAC 3 LATCH
TO DAC 4 LATCH
TO DAC 5 LATCH
TO DAC 6 LATCH
TO DAC 7 LATCH
TO DAC 8 LATCH
1-OF-8
DECODER
Figure 8. Input Control Logic
Supply Current
The AD7228 has a maximum IDD specification of 20 mA and a
maximum ISS of 18 mA over the −40°C to +85°C temperature
range. Figure 9 shows a typical plot of power supply current vs.
temperature.
VDD = +15V
VSS = –5V
IDD
ISS
16
14
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
–12
–60
–40
–20
0
20
40
TEMPERATURE (°C)
60
80
100
120
140
–14
Figure 9. Power Supply Current vs. Temperature
Applying the AD7228 Unipolar Output Operation
Unipolar output operation is the basic mode of operation for
each channel of the AD7228 and the output voltage has the same
positive polarity as VREF. Connections for unipolar output operat-
ion are shown in Figure 10. The AD7228 can be operated from
single or dual supplies. The voltage at the reference input must
never be negative with respect to GND. Failure to observe this
precaution may cause parasitic transistor action and possible
device destruction. The code table for unipolar output operation
is shown in Table 7.
VSS
GND
LATCH 5
DAC 5
LATCH 6
DAC 6
LATCH 7
DAC 7
LATCH 8
CONTROL
LOGIC
DAC 8
VOUT8
8
WR
A1
A0
A2
AD7228
10
12
2
3
4
5
6
7
8
9
21
22
23
24
11
1
VOUT7
7
VOUT6
6
VOUT5
5
VOUT4
4
VOUT3
3
VOUT2
2
VOUT1
1
LATCH 1
DAC 1
LATCH 2
DAC 2
LATCH 3
DAC 3
LATCH 4
DAC 4
VREF
VDD
+12V TO +15V
DATA
BUS
MSB
LSB
0V OR –5V
13
20
Figure 10. Unipolar Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com