Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145053 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML145053
Description  10-Bit A/D Converter With Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145053 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML145053_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.lansdale.com
Page 5 of 15
Issue A
ML145053
LANSDALE Semiconductor, Inc.
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
Figure 3.
NOTE: Dout is driven only when CS is active (low).
Figure 4.
Figure 5.
Figure 6.
Figure 7. Test Circuit
Figure 8. Test Circuit
tWL
tf
tr
Dout
2.4 V
0.4 V
2.0 V
0.8 V
1/f
SCLK
tWH
tPLH, tPHL
tTLH, tTHL
VALID
2.0 V
2.0 V
0.8 V
0.8 V
2.0 V
0.8 V
0.8 V
Din
SCLK
SCLK
FIRST
CLOCK
LAST
CLOCK
CS
th
tsu
tsu
th
0.8 V
CS
0.8 V
tPZH, tPZL
Dout
tPHZ, tPLZ
tTLH
Dout
td
EOC 0.4 V
2.4 V
2.4 V
VALID MSB
0.4 V
90%
10%
2.0 V
2.4 V
0.4 V
SCLK
0.8 V
2.4 V
0.4 V
tPHL
tTHL
10TH
CLOCK
EOC
VDD
TEST
POINT
DEVICE
UNDER
TEST
EOC
12 k
50 pF
DEVICE
UNDER
TEST
TEST
POINT
VDD
12 k
100 pF
Dout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com