Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145053 Datasheet(PDF) 15 Page - LANSDALE Semiconductor Inc.

Part # ML145053
Description  10-Bit A/D Converter With Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145053 Datasheet(HTML) 15 Page - LANSDALE Semiconductor Inc.

Back Button ML145053_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 15Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
www.lansdale.com
Page 15 of 15
Issue A
ML145053
LANSDALE Semiconductor, Inc.
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabil-
ity, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the cus-
tomer’s technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.
SOG PACKAGE
(ML145053-5P)
CASE 751A-03
-A-
-B-
P 7 PL
G
C
K
SEAT-
ING
PLANE
M
J
R X 45°
1
7
8
14
T
F
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION
4. MAXIMUM HOLD PROTRUSION 0.15 (0.006) PER
SIDE
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN
EXCESS OF THE D DIMENSION AT MAXIMUM
MATERIAL CONDITION
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
8.55
8.75
0.337
0.334
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
G
1.27 BSC
0.050 BSC
0.049
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
M
0°
7°
0°
7°
0.25 (0.010)
B
M
0.25 (0.010)
B
A
M
S
S
M
OUTLINE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com