Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145053 Datasheet(PDF) 2 Page - LANSDALE Semiconductor Inc.

Part # ML145053
Description  10-Bit A/D Converter With Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145053 Datasheet(HTML) 2 Page - LANSDALE Semiconductor Inc.

  ML145053_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.lansdale.com
Page 2 of 15
Issue A
ML145053
LANSDALE Semiconductor, Inc.
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage (Referenced to VSS)
– 0.5 to + 6.0
V
Vref
DC Reference Voltage
VAG to VDD + 0.1
V
VAG
Analog Ground
VSS – 0.1 to Vref
V
Vin
DC Input Voltage, Any Analog or Digital
Input
VSS – 0.5 to
VDD + 0.5
V
Vout
DC Output Voltage
VSS – 0.5 to
VDD + 0.5
V
Iin
DC Input Current, per Pin
±
20
mA
Iout
DC Output Current, per Pin
±
25
mA
IDD, ISS DC Supply Current, VDD and VSS Pins
±
50
mA
Tstg
Storage Temperature
– 65 to 150
C
TL
Lead Temperature, 1 mm from Case for
10 Seconds
260
C
* Maximum Ratings are those values beyond which damage to the device may occur. Func-
tional operation should be restricted to the Operation Ranges below..
OPERATION RANGES (Applicable to Guaranteed Limits)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage, Referenced to VSS
4.5 to 5.5
V
Vref
DC Reference Voltage
VAG + 4.0 to VDD + 0.1
V
VAG
Analog Ground
VSS – 0.1 to Vref – 4.0
V
VAI
Analog Input Voltage (See Note)
VAG to Vref
V
Vin, Vout Digital Input Voltage, Output Voltage
VSS to VDD
V
TA
Ambient Operating Temperature
– 40 to 125
C
NOTE: Analog input voltages greater than Vref convert to full scale. Input voltages less than VAG convert to zero. See Vref and VAG pin
descriptions.
DC ELECTRICAL CHARACTERISTICS
(Voltages Referenced to VSS, Full Temperature and Voltage Ranges per Operation Ranges Table, unless otherwise indicated)
Symbol
Parameter
Test Condition
Guaranteed
Limit
Unit
VIH
Minimum High-Level Input Voltage
(Din, SCLK, CS)
2.0
V
VIL
Maximum Low-Level Input Voltage
(Din, SCLK, CS)
0.8
V
VOH
Minimum High-Level Output Voltage
(Dout, EOC)
Iout = – 1.6 mA
Iout = – 20 µA
2.4
VDD – 0.1
V
VOL
Minimum Low-Level Output Voltage
(Dout, EOC)
Iout = + 1.6 mA
Iout = + 20 µA
0.4
0.1
V
Iin
Maximum Input Leakage Current
(Din, SCLK, CS)
Vin = VSS or VDD
±
2.5
µ
A
IOZ
Maximum Three-State Leakage Current (Dout)
Vout = VSS or VDD
±
10
µ
A
IDD
Maximum Power Supply Current
Vin = VSS or VDD, All Outputs Open
2.5
mA
Iref
Maximum Static Analog Reference Current (Vref)
Vref = VDD, VAG = VSS
100
µ
A
IAl
Maximum Analog Mux Input Leakage Current between all
deselected inputs and any selected input (AN0–AN4)
VAl = VSS to VDD
±
1
µ
A
This device contains protection circuitry to
guard against damage due to high static
voltages or electric fields. However, pre-
cautions must be taken to avoid applications
of any voltage higher than maximum rated
voltages to this high-impedance circuit. For
proper operation, Vin and Vout should be
constrained to the range VSS ≤(Vin or Vout) ≤
VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., either
VSS or VDD). Unused outputs must be left
open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com