Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145053 Datasheet(PDF) 14 Page - LANSDALE Semiconductor Inc.

Part # ML145053
Description  10-Bit A/D Converter With Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145053 Datasheet(HTML) 14 Page - LANSDALE Semiconductor Inc.

Back Button ML145053_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 15Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
www.lansdale.com
Page 14 of 15
Issue A
ML145053
LANSDALE Semiconductor, Inc.
OUTLINE DIMENSIONS
PLASTIC DIP
(ML145053CP)
CASE 646-06
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.715
0.770
18.16
19.56
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
M
10°
10°
N
0.015
0.039
0.39
1.01
G
0.100 BSC
2.54 BSC
L
0.300 BSC
7.62 BSC
SEATING
PLANE
17
14
8
B
A
F
H
G
D
N
K
C
L
J
M
NOTES:
1. LEADS WITHIN 0.13 (0.005) RADIUS OF TRUE POSITION
AT SEATING PLANE AT MAXIMUM MATERIAL
CONDITION
2. DIMENSION L TO CENTER OF LEADS WHEN FORMED
PARALLEL
3. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
4. ROUNDED CORNERS OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com