Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145053 Datasheet(PDF) 13 Page - LANSDALE Semiconductor Inc.

Part # ML145053
Description  10-Bit A/D Converter With Serial Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145053 Datasheet(HTML) 13 Page - LANSDALE Semiconductor Inc.

Back Button ML145053_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145053_08 Datasheet HTML 15Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.lansdale.com
Page 13 of 15
Issue A
ML145053
LANSDALE Semiconductor, Inc.
0.1 µF
0.22 µF
Figure 16. Alternate Configuration Using the Digital Supply for the Reference Voltage
Compatible Motorola MCUs/MPUs
This is not a complete listing of Motorola's MCUs/MPUs.
Contact your Motorola representative if you need
additional information.
Instruction
Memory (Bytes)
SPI
Motorla Part
Instruction
Set
ROM
EEPROM
SPI
SCI
Number
M6805
2096
2096
4160
4160
8K
4160
8K
7700
–
–
–
–
–
–
–
–
–
4160
–
Yes
Yes
Yes
Yes
Yes
Yes
Yes
–
MC68HC05C2
MC68HC05C3
MC68HC05C4
MC68HSC05C4
MC68HSC05C8
MC68HCL05C4
MC68HCL05C8
MC68HC05C8
MC68HC805C4
M68000
–
–
–
MC68HC000
SPI = Serial Peripheral Interface.
SCI = Serial Communication Interface.
High Speed.
Low Power.
DIGIGAL + V
ANALOG GND
DIGITAL GND
DO NOT CONNECT
AT IC
DO NOT CONNECT
AT IC
ML145053
TO
SENSORS,
ETC.
5 V
SUPPLY
Vref
VDD
VAG
VSS
ANALOG + V
1
2
3
4
Legacy Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com