Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 3 Page - Texas Instruments

  LP5569 Datasheet HTML 1Page - Texas Instruments LP5569 Datasheet HTML 2Page - Texas Instruments LP5569 Datasheet HTML 3Page - Texas Instruments LP5569 Datasheet HTML 4Page - Texas Instruments LP5569 Datasheet HTML 5Page - Texas Instruments LP5569 Datasheet HTML 6Page - Texas Instruments LP5569 Datasheet HTML 7Page - Texas Instruments LP5569 Datasheet HTML 8Page - Texas Instruments LP5569 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
1
C2+
18
LED1
2
C1+
17
LED2
3
VIN
16
LED3
4
AGND
15
LED4
5
EN/PWM
14
LED5
6
CLK
13
LED6
Not to scale
Thermal
Pad
3
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
GROUP
I2C SLAVE ADDRESS
LP5569
0
32h–35h and 40h (see I2C Slave Addressing)
LP5569A
1
42h–45h and 40h (see I2C Slave Addressing)
6 Pin Configuration and Functions
RTW Package
24-Pin WQFN With Exposed Thermal Pad
Top View
(1)
A: analog pin; G: ground pin; P: power pin; I: input pin; OD: open-drain output pin
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
ADDR
20
I
I2C slave-address selection pin. See I2C Slave Addressing for more details. This pin
must not be left floating.
AGND
4
G
Analog and digital ground. Connect to PGND, exposed thermal pad, and common
ground plane.
C1–
24
A
Negative pin of charge-pump flying capacitor 1. If charge pump is not used, this pin must
be left floating.
C1+
2
A
Positive pin of charge-pump flying capacitor 1. If charge pump is not used, this pin must
be left floating.
C2–
23
A
Negative pin of charge-pump flying capacitor 2. If charge pump is not used, this pin must
be left floating.
C2+
1
A
Positive pin of charge-pump flying capacitor 2. If charge pump is not used, this pin must
be left floating.
CLK
6
I, OD
Clock input/output. By default this pin is a clock input. If not used, this pin must be
connected to GND or VIN.
EN/PWM
5
I
Chip enable and PWM input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com