Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 67 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 63Page - Texas Instruments LP5569 Datasheet HTML 64Page - Texas Instruments LP5569 Datasheet HTML 65Page - Texas Instruments LP5569 Datasheet HTML 66Page - Texas Instruments LP5569 Datasheet HTML 67Page - Texas Instruments LP5569 Datasheet HTML 68Page - Texas Instruments LP5569 Datasheet HTML 69Page - Texas Instruments LP5569 Datasheet HTML 70Page - Texas Instruments LP5569 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
67
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 78. PROGRAM_MEM_12 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd06_msb
R/W
0h
Program memory data
8.6.1.64 PROGRAM_MEM_13 Register (Address = 5Dh) [reset = 0h]
PROGRAM_MEM_13 is shown in Figure 90 and described in Table 79.
Return to Summary Table.
Program Memory 13 Register
Figure 90. PROGRAM_MEM_13 Register
7
6
5
4
3
2
1
0
cmd06_lsb
R/W-0h
Table 79. PROGRAM_MEM_13 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd06_lsb
R/W
0h
Program memory data
8.6.1.65 PROGRAM_MEM_14 Register (Address = 5Eh) [reset = 0h]
PROGRAM_MEM_14 is shown in Figure 91 and described in Table 80.
Return to Summary Table.
Program Memory 14 Register
Figure 91. PROGRAM_MEM_14 Register
7
6
5
4
3
2
1
0
cmd07_msb
R/W-0h
Table 80. PROGRAM_MEM_14 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd07_msb
R/W
0h
Program memory data
8.6.1.66 PROGRAM_MEM_15 Register (Address = 5Fh) [reset = 0h]
PROGRAM_MEM_15 is shown in Figure 92 and described in Table 81.
Return to Summary Table.
Program Memory 15 Register
Figure 92. PROGRAM_MEM_15 Register
7
6
5
4
3
2
1
0
cmd07_lsb
R/W-0h
Table 81. PROGRAM_MEM_15 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
cmd07_lsb
R/W
0h
Program memory data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com