Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 45Page - Texas Instruments LP5569 Datasheet HTML 46Page - Texas Instruments LP5569 Datasheet HTML 47Page - Texas Instruments LP5569 Datasheet HTML 48Page - Texas Instruments LP5569 Datasheet HTML 49Page - Texas Instruments LP5569 Datasheet HTML 50Page - Texas Instruments LP5569 Datasheet HTML 51Page - Texas Instruments LP5569 Datasheet HTML 52Page - Texas Instruments LP5569 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
49
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.6.1.15 LED2_PWM Register (Address = 18h) [reset = 0h]
LED2_PWM is shown in Figure 41 and described in Table 30.
Return to Summary Table.
LED2 PWM Register
This is the PWM duty cycle control for the LED2 output.
Figure 41. LED2_PWM Register
7
6
5
4
3
2
1
0
pwm2
R/W-0h
Table 30. LED2_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
pwm2
R/W
0h
00h = 0% duty cycle (default)
...
80h = 50% duty cycle
...
FFh = 100% duty cycle-
8.6.1.16 LED3_PWM Register (Address = 19h) [reset = 0h]
LED3_PWM is shown in Figure 42 and described in Table 31.
Return to Summary Table.
LED3 PWM Register
This is the PWM duty cycle control for the LED3 output.
Figure 42. LED3_PWM Register
7
6
5
4
3
2
1
0
pwm3
R/W-0h
Table 31. LED3_PWM Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
pwm3
R/W
0h
00h = 0% duty cycle (default)
...
80h = 50% duty cycle
...
FFh = 100% duty cycle
8.6.1.17 LED4_PWM Register (Address = 1Ah) [reset = 0h]
LED4_PWM is shown in Figure 43 and described in Table 32.
Return to Summary Table.
LED4 PWM Register
This is the PWM duty cycle control for the LED4 output.
Figure 43. LED4_PWM Register
7
6
5
4
3
2
1
0
pwm4
R/W-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com