Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 6Page - Texas Instruments LP5569 Datasheet HTML 7Page - Texas Instruments LP5569 Datasheet HTML 8Page - Texas Instruments LP5569 Datasheet HTML 9Page - Texas Instruments LP5569 Datasheet HTML 10Page - Texas Instruments LP5569 Datasheet HTML 11Page - Texas Instruments LP5569 Datasheet HTML 12Page - Texas Instruments LP5569 Datasheet HTML 13Page - Texas Instruments LP5569 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Accuracy (%)
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
-2
-1.6
-1.2
-.8
-.4
0
.4
.8
1.2
1.6
2
D009
Maximum Matching (%)
0
100
200
300
400
500
600
700
800
900
1000
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D008
10
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: VVIN = 3.6 V, CIN = COUT = 1 μF, C1 = C2 = 1 μF, TA = 25°C. CIN, COUT, C1, C2: Low-ESR surface-
mount ceramic capacitors (MLCCs) used in setting electrical characteristics.
Figure 9. Serial Bus Write and Charge Pump Start-Up
Waveform
ILEDx setting per channel = 17.5 mA
Figure 10. LED Current Matching Distribution
ILEDx setting per channel = 17.5 mA
Figure 11. LED Current Accuracy Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com