Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5569 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5569 Datasheet HTML 4Page - Texas Instruments LP5569 Datasheet HTML 5Page - Texas Instruments LP5569 Datasheet HTML 6Page - Texas Instruments LP5569 Datasheet HTML 7Page - Texas Instruments LP5569 Datasheet HTML 8Page - Texas Instruments LP5569 Datasheet HTML 9Page - Texas Instruments LP5569 Datasheet HTML 10Page - Texas Instruments LP5569 Datasheet HTML 11Page - Texas Instruments LP5569 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
8
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.10 Serial-Bus Timing Requirements (SDA, SCL), See Figure 1
I
2C fast mode
MIN
MAX
UNIT
ƒSCL
Clock frequency
0
400
kHz
1
Hold time (repeated) START condition
0.6
µs
2
Clock low time
1.3
µs
3
Clock high time
600
ns
4
Setup time for a repeated START condition
600
ns
5
Data hold time
0
ns
6
Data setup time
100
ns
7
Rise time of SDA and SCL
20 + 0.1Cb
300
ns
8
Fall time of SDA and SCL
15 + 0.1Cb
300
ns
9
Setup time for STOP condition
600
ns
10
Bus-free time between a STOP and a START condition
1.3
µs
Cb
Capacitive load for each bus line
10
200
pF
7.11 External Clock Timing Requirements (CLK), See Figure 2
over operating ambient temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
ƒCLK
Clock frequency
32.7
kHz
tCLKH
High time
6
µs
tCLKL
Low time
6
µs
tr
Clock rise time, 10% rising edge to 90% rising edge
2
µs
tf
Clock fall time, 90% falling edge to 10% falling edge
2
µs
Figure 1. Timing Parameters
Figure 2. External Clock Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com