Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS06-R Datasheet(PDF) 29 Page - Broadcom Corporation.

Part # AC101L-DS06-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS06-R Datasheet(HTML) 29 Page - Broadcom Corporation.

Back Button AC101L-DS06-R Datasheet HTML 25Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 26Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 27Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 28Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 29Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 30Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 31Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 32Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 33Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
Preliminary Data Sheet
AC101L
8/9/04
B roa dcom Co rpo rat ion
Document
AC101L-DS06-R
TP PHY Register Summary
Page 19
REGISTER 17: INTERRUPT CONTROL/STATUS REGISTER
REGISTER 18: DIAGNOSTIC REGISTER
16.5
Autopolarity
Disable
1 = Disables autopolarity detection/correction.
0 = Enables autopolarity detection/correction.
RW
0
16.4
Reverse
Polarity
1 = Reverses polarity when register 16.5 = 0.
0 = Normal polarity when register 16.5 = 0.
If register 16.5 is set to 1, writing a 1 to this bit reverses the
polarity of the transmitter.
RW
0
16.[3:0]
Reserved
–
RO
0
Table 14: Register 17: Interrupt Control/Status Register
Bit
Name
Description
Mode
Default
17.15
Jabber_IE
Jabber interrupt enable.
RW
0
17.14
RXER_IE
Receive error interrupt enable.
RW
0
17.13
Page_Rx_IE
Page received interrupt enable.
RW
0
17.12
PD_Fault_IE
Parallel detection fault interrupt enable.
RW
0
17.11
LP_Ack_IE
Link partner acknowledge interrupt enable.
RW
0
17.10
Link_Status_Change_I
E
Link status change interrupt enable.
RW
0
17.9
R_Fault_IE
Remote fault interrupt enable.
RW
0
17.8
ANEN_Comp_IE
Auto-negotiation complete interrupt enable.
RW
0
17.7
Jabber_Int
This bit is set when a jabber event is detected.
RC
0
17.6
RXER_Int
This bit is set when RXER transitions HIGH.
RC
0
17.5
Page_Rx_Int
This bit is set when a new page is received during ANEN.
RC
0
17.4
PD_Fault_Int
This bit is set when parallel detect fault is detected.
RC
0
17.3
LP_Ack_Int
This bit is set when the FLP with acknowledge bit set is
received.
RC
0
17.2
Link_Not_OK Int
This bit is set when link status switches from OK status to
Non-OK status (fail or ready).
RC
0
17.1
R_Fault_Int
This bit is set when remote fault is detected.
RC
0
17.0
ANEN _Comp Int
This bit is set when ANEN is complete.
RC
0
Table 15: Register 18: Diagnostic Register
Bit
Name
Description
Mode
Default
18.[15]
Reserved
Reserved.
RW
0
18.[14]
Reserved
Reserved.
RW
0
18.[13]
Force Link Pass 10BT
1 = Enables force link pass 10BASE-T.
0 = Disables force link pass 10BASE-T.
RW
0
18.[12]
Force Link Pass
100TX
1 = Force link pass 100BASE-TX.
0 = Disable Force link pass 100BASE-TX.
RW
0
18.11
Reserved
Reserved.
RO
0
Table 13: Register 16: BT and Interrupt Level Control Register (Cont.)
Bit
Name
Description
Mode
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com