Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS06-R Datasheet(PDF) 18 Page - Broadcom Corporation.

Part # AC101L-DS06-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS06-R Datasheet(HTML) 18 Page - Broadcom Corporation.

Back Button AC101L-DS06-R Datasheet HTML 14Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 15Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 16Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 17Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 18Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 19Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 20Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 21Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 22Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 8
Pin Descriptions
Document
AC101L-DS06-R
20
BURNIN/
LED0
BU
BURNIN: Resets read input. Set Active LOW to put the chip in burn-in test mode.
LED0 (output): active LOW, the default behavior is ON when the chip is in link-up condition, and is BLINK when the chip
detects transmit or receive activity.
21
SPD100/
LED1
BU
SPD100: Resets read input.
If ANEN is Low, SPD100 sets the TP port speed in register 0.
If ANEN is High, SPD100 is used to set 100 Mbps half-duplex and 100 Mbps full-duplex bits in register 4.
LED1 (output): active LOW. The default behavior is ON when the chip is operating at 100 Mbps and is OFF when the chip
is operating at 10 Mbps.
22
DUPLEX/
LED2
BU
DUPLEX: Resets read input.
If ANEN is Low, DUPLEX sets the TP port in full-duplex mode in register 0.
If ANEN is High, DUPLEX is used to set 10 Mbps FDX and 100 Mbps FDX bits in register 4.
LED2 (output): active LOW. The default behavior is ON when the chip is operating in full-duplex mode and is OFF when
the chip is operating in half-duplex mode.
23
ANEN/LED3
BU
ANEN (resets read input): Auto-negotiation enable for the twisted-pair port. Pull high to enable auto-negotiation. Pull low to
disable auto-negotiation.
LED3 (output): active LOW. The default behavior is BLINK when the chip detect collision is in half-duplex mode.
24
PDOWN
BU
PDOWN (input): Power-down input. This pin must be pulled high externally for normal operation. Pulling this pin low puts
both the TP and fiber port into power-down mode. This is a regular input, not a reset read signal.
25
VCC
P
+2.5V power supply.
26
RXN
A
Receive. For TP port in MDI mode.
Transmit. For TP port in MDIX mode.
27
RXP
A
Receive +. For TP port in MDI mode.
Transmit +. For TP port in MDIX mode.
28
SD/FXEN
AI
SD/FXEN (analog input): This pin must be pulled low externally for normal TP mode.
Connect to fiber module to enable FX mode; also serves as signal detect input.
29
GND
G
Ground.
30
GND
G
Ground.
31
RBIAD
A
Bias resistor connection. Connect to a 10K 1% resistor to GND.
32
VCCPLL
P
+2.5V supply for analog bias, PLL modules.
33
GND
G
Ground.
34
TXN
A
Transmit. In MDI mode.
Receive. In MDIX mode.
35
TXP
A
Transmit +. In MDI mode.
Receive +. In MDIX mode.
36
VCC25OUT
P
+2.5VCC out from the on-chip regulator.
37
GND
G
Ground.
38
GND
G
Ground.
39
XO
A
XTAL output.
40
XI
A
XTAL input.
In MII Mode: XI and XO is designed to connect to a 25 MHz., 50 PPM XTAL or 25 MHz OSC.
41
VCC33IN
P
3.3V Power supply input.
42
RST
I U
Reset input. active LOW.
43
MDIO
BU
MDIO (input/ output): Management data I/O. This serial input/output pin is used to read from and write to the MII register.
The data value on the MDIO pin is valid and latched on the rising edge of the MDC. This pin requires a 1 k
Ω resistor pull-up.
44
MDC
ID
MDC (input): Management data clock. This pin must be pulled low externally for normal operation. The MDC clock input
must be provided to allow MII management function. This pin has a Schmitt trigger input.
45
PHYAD1/
RXD3
BD
PHYAD1: Resets read input. Pull high or low to set the PHY Address bit 1 for MII management function.
RXD3: Receives the data output signal in the MII interface.
46
PHYAD2/
RXD2
BD
PHYAD2: Resets read input. Pull high or low to set the PHY Address bit 2 for MII management function.
RXD2: Receives the data output signal in the MII interface.
47
PHYAD3/
RXD1
BD
PHYAD3 (Reset Read Input): Pull High or Low to set the PHY Address bit 3 for MII management function.
RXD1: Receive data output signal in MII interface.
48
PHYAD4/
RXD0
BD
PHYAD4: Resets read input. Pull high or low to set the PHY Address bit 4 for MII management function.
RXD0: Receives the data output signal in the MII interface.
Table 2: Pinout and Signal Definitions (Cont.)
Pin
Number
Pin Name Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com