Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC101L-DS06-R Datasheet(PDF) 14 Page - Broadcom Corporation.

Part # AC101L-DS06-R
Description  Ultra Low-Power 10/100 Ethernet Transceiver with Auto-MDIX
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC101L-DS06-R Datasheet(HTML) 14 Page - Broadcom Corporation.

Back Button AC101L-DS06-R Datasheet HTML 10Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 11Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 12Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 13Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 14Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 15Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 16Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 17Page - Broadcom Corporation. AC101L-DS06-R Datasheet HTML 18Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
AC101L
Preliminary Data Sheet
8/9/04
B roa dcom Co rpo rat ion
Page 4
Baseline Wander Correction
Document
AC101L-DS06-R
TX_CLK. This provides a continuously running RX_CLK. At the PCS interface, the 5-bit data RXD[4:0] is synchronized to
the 25-MHz RX_CLK.
BASELINE WANDER CORRECTION
A 100BASE-TX data stream is not always DC-balanced. Because the receive signal must pass through a transformer, the
DC offset of the differential receive input can wander. This effect, known as baseline wander, can greatly reduce the noise
immunity of the receiver. The 100BASE-TX PHY automatically compensates for baseline wander by removing the DC offset
from the input signal, thereby significantly reducing the chance of a receive symbol error.
The baseline wander circuit is not required in 100BASE-FX PHY operation.
MULTIMODE TRANSMITTER
The multimode transmitter transmits MLT3 coded symbols in 100BASE-TX mode, and NRZI coded symbols in 100BASE-FX
mode. It utilizes a current drive output, which is well balanced and produces very low noise transmit signals. PECL voltage
levels are produced with resistive terminations in 100BASE-FX mode.
The serialized data bypasses the scrambler and 4B/5B encoder in FX mode. The output data are NRZI PECL signals. The
PECL level signals are used to drive the fiber-optic transmitter.
STREAM CIPHER SCRAMBLER/DESCRAMBLER
In 100BASE-TX mode, the transmit data stream is scrambled to reduce radiated emissions on the twisted-pair cable. The
data are scrambled by exclusive ORing the NRZ signal with the output of an 11-bit wide Linear Feedback Shift register
(LFSR), which produces a 2047-bit nonrepeating sequence. The scrambler reduces peak emission by randomly spreading
the signal energy over the transmit frequency range and eliminating peaks at certain frequencies.
The receiver descrambles the incoming data stream by exclusive ORing it with the same sequence generated at the
transmitter. The descrambler detects the state of the transmit LFSR by looking for a sequence representing consecutive idle
codes. The descrambler locks to the scrambler state after detecting a sufficient number of consecutive idle code group.
The receiver does not attempt to decode the data stream unless the descrambler is locked. When locked, the descrambler
continuously monitors the data stream to make sure that it has not lost synchronization.
The receive data stream is expected to contain inter-packet idle periods. If the descrambler does not detect enough idle code
within 724
µs, it becomes unlocked and the receive decoder is disabled. The descrambler is always forced into the unlock
state when a link failure condition is detected.
Stream cipher descrambler is not used in the 100BASE-FX mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com